Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFK281R8S Datasheet(PDF) 20 Page - Interpoint Corporation Company

Part # MFK281R8S
Description  MFK S ingle and D ual D C-DC Converters 16 to 50 vol ts i npu t ??25 Watt
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFK281R8S Datasheet(HTML) 20 Page - Interpoint Corporation Company

Back Button MFK281R8S Datasheet HTML 15Page - Interpoint Corporation Company MFK281R8S Datasheet HTML 16Page - Interpoint Corporation Company MFK281R8S Datasheet HTML 17Page - Interpoint Corporation Company MFK281R8S Datasheet HTML 18Page - Interpoint Corporation Company MFK281R8S Datasheet HTML 19Page - Interpoint Corporation Company MFK281R8S Datasheet HTML 20Page - Interpoint Corporation Company MFK281R8S Datasheet HTML 21Page - Interpoint Corporation Company MFK281R8S Datasheet HTML 22Page - Interpoint Corporation Company MFK281R8S Datasheet HTML 23Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Flanged cases: Designator "F" required in Case Option position of model number
BOTTOM VIEW MFK SINGLE FLANGED
1
2
3 4
7
6
5
Squared corner and dot on top
of case indicate pin one.
(2.005 max (50.93))
0.560 (14.22)
0.960 (24.38)
0.000
0.160 (4.06)
Weight: 38 grams maximum
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device. Solder
pins individually with heat application not exceeding 300°C for 10
seconds per pin.
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover Kovar/Nickel
Pins
#52 alloy/Gold compression glass seal
Gold plating of 50 - 150 microinches included in pin diameter
Seal Hole: 0.123 ±0.002 (3.12 ±0.05)
Please refer to the numerical dimensions for accuracy.
Case G5, Rev F, 2015.04.21
2 x R 0.130 (3.30)
2 x Dia 0.128 ±0.002
(3.25 ±0.05)
0.040 dia. (1.02)
Seam Seal
1.130 max. (28.70)
Flange thickness: 0.047 (1.19)
Base Plate Detail, Edge View
top of header
Figure 34: MFk singLe outPut FLAngeD
exCePt 28 voLt singLe
Crane Aerospace & Electronics Power Solutions
MFKsingleanddualdC-dCConverters
16tO50vOLtsInPUt–25WAtt
Page 20 of 23
www.craneae.com/interpoint
MFK Rev AJ - 2016.04.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com