Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFK281R8S Datasheet(PDF) 21 Page - Interpoint Corporation Company

Part # MFK281R8S
Description  MFK S ingle and D ual D C-DC Converters 16 to 50 vol ts i npu t ??25 Watt
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFK281R8S Datasheet(HTML) 21 Page - Interpoint Corporation Company

Back Button MFK281R8S Datasheet HTML 15Page - Interpoint Corporation Company MFK281R8S Datasheet HTML 16Page - Interpoint Corporation Company MFK281R8S Datasheet HTML 17Page - Interpoint Corporation Company MFK281R8S Datasheet HTML 18Page - Interpoint Corporation Company MFK281R8S Datasheet HTML 19Page - Interpoint Corporation Company MFK281R8S Datasheet HTML 20Page - Interpoint Corporation Company MFK281R8S Datasheet HTML 21Page - Interpoint Corporation Company MFK281R8S Datasheet HTML 22Page - Interpoint Corporation Company MFK281R8S Datasheet HTML 23Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
1
2 3 4 5
8
7
6
Flanged cases: Designator "F" required in Case Option position of model number
BOTTOM VIEW CASE MFK DUAL FLANGED
Squared corner and dot on top
of case indicate pin one.
(2.005 max (50.93))
0.560 (14.22)
0.960 (24.38)
0.000
0.160 (4.06)
Weight: 38 grams maximum
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device. Solder
pins individually with heat application not exceeding 300°C for 10
seconds per pin.
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover Kovar/Nickel
Pins
#52 alloy/Gold compression glass seal
Gold plating of 50 - 150 microinches included in pin diameter
Seal Hole: 0.091 ±0.002 (2.31 ±0.05)
Please refer to the numerical dimensions for accuracy.
Case G6, Rev F, 2015.04.21
2 x R 0.130 (3.30)
2 x Dia 0.128 ±0.002
(3.25 ±0.05)
0.030 dia. (0.76)
Seam Seal
1.130 max. (28.70)
Flange thickness: 0.047 (1.19)
Base Plate Detail, Edge View
top of header
Figure 35: MFk DuAL outPut FLAngeD
inCLuDes 28 voLt singLe
Crane Aerospace & Electronics Power Solutions
MFKsingleanddualdC-dCConverters
16tO50vOLtsInPUt–25WAtt
Page 21 of 23
www.craneae.com/interpoint
MFK Rev AJ - 2016.04.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com