Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH2815S/883 Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # MCH2815S/883
Description  MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MCH2815S/883 Datasheet(HTML) 4 Page - Interpoint Corporation Company

  MCH2815S/883 Datasheet HTML 1Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 2Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 3Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 4Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 5Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 6Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 7Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 8Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MCH 28 12 D / 883
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
(R = decimal point, 3R3 = 3.3 Vout)
(Standard screening has no designator
in this position.)
MODel NuMberING key
sMD NuMbers
StanDarD MiCrOCirCuit
Drawing (SMD)
MCH SiMilar part
5962-9569601HxC
MCH2805S/883
5962-9569701HxC
MCH2812S/883
5962-9569801HxC
MCH2815S/883
5962-9570201HxC
MCH2805D/883
5962-9570301HxC
MCH2812D/883
5962-9570401HxC
MCH2815D/883
ForexactspecificationsforanSMDproduct,refer
totheSMDdrawing.SMDscanbedownloaded
from:http://www.dscc.dla.mil/programs/smcr
MODel NuMber OPtIONs
tO DeterMine tHe MODel nuMber enter One OptiOn frOM eaCH CategOry in tHe fOrM belOw.
CateGOry base Model and
Input Voltage
Output Voltage
Number of
Outputs 1
Case Options 2
screening 3
OPtIONs
MCH
05,12,15
S
MCH–down-leaded:leaveblank
(standard,leaveblank)
MGH
05,12,15
D
MGH–straightleads:leaveblank
ES
MGH–gullwings:Z
883
FIll IN FOr
MODel #
MH
__________
__________
/
Notes:
1.NumberofOutputs:SisasingleoutputandDisadualoutput
2.CaseOptions:ForthestandardcaseMCHdown-leadedcaseleavethecaseoptionblank.FortheMGHstraight-leadcase,leavethecaseoptionblank.FortheMGH,
surfacemountgull-wingcase,inserttheletter“Z”inthecaseoptionposition.
3.Screening:Forstandardscreeningleavethescreeningoptionblank.Forotherscreeningoptions,insertthedesiredscreeninglevel.Formoreinformationsee
“Table11:ElementEvaluation”onpage12and“Table12:EnvironmentalScreening”onpage13.
MODel NuMberING key
MGH 28 12 S Z / ES
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
Gull Wing Lead Option
(Straight leaded case has no designator
in this position.)
(Standard screening has no designator
in this position.)
sMD NuMbers
StanDarD MiCrOCirCuit
Drawing (SMD)
MgH SiMilar part
5962-9569601HZC
MGH2805SZ/883
5962-9569701HZC
MGH2812SZ/883
5962-9569801HZC
MGH2815SZ/883
5962-9570201HZC
MGH2805DZ/883
5962-9570301HZC
MGH2812DZ/883
5962-9570401HZC
MGH2815DZ/883
ForexactspecificationsforanSMDproduct,refer
totheSMDdrawing.SMDnumbersareshownfor
thesurfacemountgull-wingcase.Forthestraight-
leadcase,replacetheZ(HZC)intheSMDwithaY
(HYC).SMDscanbedownloadedfrom:http://www.
dscc.dla.mil/programs/smcr
tabLe 5: MCh sMD nuMbers
tabLe 6: Mgh sMD nuMbers
tabLe 7: MCh/Mgh sMD MoDeL nuMber oPtions
Figure 4: MCh MoDeL nuMbering key
Figure 5: Mgh MoDeL nuMbering key
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC-DC Converters
Page4of13
28 Volt input – 1.5 Watt
www.interpoint.com
MCH_MGHRevAB-2013.05.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com