Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH2815S/883 Datasheet(PDF) 13 Page - Interpoint Corporation Company

Part # MCH2815S/883
Description  MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MCH2815S/883 Datasheet(HTML) 13 Page - Interpoint Corporation Company

Back Button MCH2815S/883 Datasheet HTML 5Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 6Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 7Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 8Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 9Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 10Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 11Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 12Page - Interpoint Corporation Company MCH2815S/883 Datasheet HTML 13Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Tableisforreferenceonly.SeeindividualSeries'datasheetsforspecificscreening.
tabLe 6: environMentaL sCreening–high reLiabiLity stanDarD, /es anD /883 (CLass h)
StanDarD anD /eS (nOn-QMl) anD /883 (ClaSS H, QMl)
Mil-prf-38534 enVirOnMental SCreening
nOn
-QMl 1
QMl
teSt perfOrMeD
StanDarD
/eS
ClaSS H
/883
Pre-cap Inspection, Method 2017, 2032
n
n
n
temperature Cycle (10 times)
Method1010,Cond.C,-65°Cto+150°C,ambient
n
Method1010,Cond.B,-55°Cto+125°C,ambient
n
Constant acceleration
Method2001,3000g
n
Method2001,500g
n
burn-in Method 1015, +125°C case, typical 2
96hours
n
160hours
n
Final electrical test, MIl-PrF-38534, Group a,
Subgroups1through6,-55°C,+25°C,+125°Ccase
n
Subgroups1and4,+25°Ccase
n
n
n
Hermeticity test
GrossLeak,Method1014,Cond.C
n
n
FineLeak,Method1014,Cond.A
n
n
GrossLeak,Dip
n
Final visual inspection, Method 2009
n
n
n
TestmethodsarereferencedtoMIL-STD-883asdeterminedbyMIL-PRF-38534.
Notes:
1.Standardand/ES,non-QMLproducts,maynotmeetalloftherequirementsofMIL-PRF-38534.
2.Burn-intemperaturedesignedtobringthecasetemperatureto+125°Cminimum.Burn-inisapoweredtest.
CraneAerospace&ElectronicsPowerSolutions
Quality assurance and Certification
aPPlICatION NOte
Page10of13
APP-009RevAA-2013.04.09
www.craneae.com/interpoint
tabLe 12: environMentaL sCreening
Crane Aerospace & Electronics Power Solutions
MCH/MGHSingleandDual.MCH_MGHRevAB-2013.05.31.Thisrevisionsupersedesallpreviousreleases.Alltechnicalinformationisbelieved
tobeaccurate,butnoresponsibilityisassumedforerrorsoromissions.CraneElectronics,Inc.reservestherighttomakechangesinproducts
orspecificationswithoutnotice.Interpoint,MCHSeriesandMGHSeriesaretrademarksofCraneElectronics,Inc.Copyright©1999-2013Crane
Electronics,Inc.Allrightsreserved.www.craneae.com/interpoint
Page13of13
MCH/MGH Single and Dual DC-DC Converters
28 Volt input – 1.5 Watt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com