Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFK282R5S/883 Datasheet(PDF) 18 Page - Interpoint Corporation Company

Part # MFK282R5S/883
Description  MFK S ingle and D ual D C-DC Converters 16 to 50 vol ts i npu t ??25 Watt
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFK282R5S/883 Datasheet(HTML) 18 Page - Interpoint Corporation Company

Back Button MFK282R5S/883 Datasheet HTML 14Page - Interpoint Corporation Company MFK282R5S/883 Datasheet HTML 15Page - Interpoint Corporation Company MFK282R5S/883 Datasheet HTML 16Page - Interpoint Corporation Company MFK282R5S/883 Datasheet HTML 17Page - Interpoint Corporation Company MFK282R5S/883 Datasheet HTML 18Page - Interpoint Corporation Company MFK282R5S/883 Datasheet HTML 19Page - Interpoint Corporation Company MFK282R5S/883 Datasheet HTML 20Page - Interpoint Corporation Company MFK282R5S/883 Datasheet HTML 21Page - Interpoint Corporation Company MFK282R5S/883 Datasheet HTML 22Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
0.000
0.160 (4.06)
0.960 (24.38)
0.040 dia.
(1.02)
1
2
3 4
6
5
7
BOTTOM VIEW MFK SINGLE
Seam Seal
Squared corner and dot on top
of case indicate pin one.
1.130 max. (28.70)
Weight: 38 grams maximum
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device. Solder
pins individually with heat application not exceeding 300°C for 10
seconds per pin.
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover Kovar/Nickel
Pins
#52 alloy/Gold ceramic seal
Gold plating of 50 - 150 microinches included in pin diameter
Seal Hole: 0.123 ±0.002 (3.12 ±0.05)
Please refer to the numerical dimensions for accuracy.
Case E5, Rev G, 2015.04.21
Figure 32: MFk singLe outPut
exCePt 28 voLt singLe
Crane Aerospace & Electronics Power Solutions
MFKsingleanddualdC-dCConverters
16tO50vOLtsInPUt–25WAtt
Page 18 of 23
www.craneae.com/interpoint
MFK Rev AJ - 2016.04.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com