Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFK282R5S/883 Datasheet(PDF) 23 Page - Interpoint Corporation Company

Part # MFK282R5S/883
Description  MFK S ingle and D ual D C-DC Converters 16 to 50 vol ts i npu t ??25 Watt
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFK282R5S/883 Datasheet(HTML) 23 Page - Interpoint Corporation Company

Back Button MFK282R5S/883 Datasheet HTML 15Page - Interpoint Corporation Company MFK282R5S/883 Datasheet HTML 16Page - Interpoint Corporation Company MFK282R5S/883 Datasheet HTML 17Page - Interpoint Corporation Company MFK282R5S/883 Datasheet HTML 18Page - Interpoint Corporation Company MFK282R5S/883 Datasheet HTML 19Page - Interpoint Corporation Company MFK282R5S/883 Datasheet HTML 20Page - Interpoint Corporation Company MFK282R5S/883 Datasheet HTML 21Page - Interpoint Corporation Company MFK282R5S/883 Datasheet HTML 22Page - Interpoint Corporation Company MFK282R5S/883 Datasheet HTML 23Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Table is for reference only. See individual Series' datasheets for specific screening.
tAbLe 9: environMentAL sCreening HigH reLiAbiLity DC-DC Converters AnD eMi FiLters stAnDArD, /es AnD /883 (CLAss H)
enVirOnMental Screening high reliability
Standard, /eS and /883 (claSS h)
nOn
-QMl 1
QMl 2
teSt perFOrMed
Standard
/eS
claSS h
/883
Pre-capInspection,Method2017,2032
n
n
n
temperatureCycle(10times)
Method 1010, Cond. C, -65°C to +150°C, ambient
n
Method 1010, Cond. B, -55°C to +125°C, ambient
n
ConstantAcceleration
Method 2001, 3000 g
n
Method 2001, 500 g
n
PInd,testMethod2020,Cond.A
n 3
burn-inMethod1015,+125°Ccase,typical4
96 hours
n
160 hours
n
Finalelectricaltest,MIL-PRF-38534,groupA,
Subgroups 1 through 6, -55°C, +25°C, +125°C case
n
Subgroups 1 and 4, +25°C case
n
n
Hermeticitytest
Gross Leak, Cond. C1, fluorocarbon
n
n
Fine Leak, Cond. A2, helium
n
n
Gross Leak, Dip
n
Finalvisualinspection,Method2009
n
n
n
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
Notes
1. Standard and ES are non-QML products and may not meet all of the requirements of MIL-PRF-38534.
2. All processes are QML qualified and performed by certified operators.
3. Not required by DLA but performed to assure product quality.
4. Burn-in temperature designed to bring the case temperature to +125°C minimum.
Burn-in is a powered test.
tAbLe 12: environMentAL sCreening
Crane Aerospace & Electronics Power Solutions
MFKsingleanddualdC-dCConverters
MFK Single and Dual, MFK Rev AJ - 2016.04.25. This revision supersedes all previous releases. All technical information is believed to be
accurate, but no responsibility is assumed for errors or omissions. Crane Electronics, Inc reserves the right to make changes in products or
specifications without notice. Interpoint is a registered trademark of Crane Co. MFK Series is a trademark of Crane Electronics, Inc. Copyright ©
1999 - 2016 Crane Electronics, Inc. All rights reserved. www.craneae.com/interpoint
Page 23 of 23
16tO50vOLtsInPUt–25WAtt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com