Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFK285R2S/883 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # MFK285R2S/883
Description  MFK S ingle and D ual D C-DC Converters 16 to 50 vol ts i npu t ??25 Watt
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFK285R2S/883 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  MFK285R2S/883 Datasheet HTML 1Page - Interpoint Corporation Company MFK285R2S/883 Datasheet HTML 2Page - Interpoint Corporation Company MFK285R2S/883 Datasheet HTML 3Page - Interpoint Corporation Company MFK285R2S/883 Datasheet HTML 4Page - Interpoint Corporation Company MFK285R2S/883 Datasheet HTML 5Page - Interpoint Corporation Company MFK285R2S/883 Datasheet HTML 6Page - Interpoint Corporation Company MFK285R2S/883 Datasheet HTML 7Page - Interpoint Corporation Company MFK285R2S/883 Datasheet HTML 8Page - Interpoint Corporation Company MFK285R2S/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
tAbLe 5: oPerAting ConDitions, ALL MoDeLs, 25°C CAse, 28 vin, 100% LoAD, unLess otHerwise sPeCiFieD.
Notes
1. Guaranteed by characterization test and/or analysis. Not a production test.
2. Passes 2000 volts.
3. Dual outputs: The over-current limit will trigger when the sum of the currents
from both outputs reaches 115% (typical value) of the maximum rated “total”
current of both outputs.
4. Tested with inhibit pin pulled to ground.
5. An external inhibit interface should be used to pull the inhibit low or leave it
floating. The inhibit pin can be left unconnected if not used.
MFK SERIES
ALL MODELS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LEAD SOLDERING TEMPERATURE 1
10 SECONDS MAX.
—
—
300
°C
STORAGE TEMPERATURE 1
-65
—
+150
°C
CASE OPERATING
FULL POWER
-55
—
+125
°C
TEMPERATURE
ABSOLUTE 1
-55
—
+135
DERATING OUTPUT POWER/CURRENT 1
LINEARLY
From 100% at 125°C to 0% at 135°C
ESD RATING 1
MIL-STD-883, METHOD 3015
2000 - 3999 2
V
MIL-PRF-38534, 3.9.5.8.2
CLASS 2
ISOLATION: INPUT TO OUTPUT OR ANY
500 VDC AT 25°C
100
—
—
Megohms
PIN TO CASE EXCEPT CASE PIN
UNDERVOLTAGE LOCKOUT
—
15
—
V
CURRENT LIMIT 3
% OF FULL LOAD
—
115
—
%
AUDIO REJECTION 1
—
50
—
dB
CONVERSION FREQUENCY
FREE RUN -55°C TO +125°C
430
—
570
kHz
SYNCHRONIZATION
INPUT FREQUENCY
450
—
550
kHz
DUTY CYCLE 1
40
—
60
%
ACTIVE LOW
—
—
0.8
V
ACTIVE HIGH 1
4.5
—
5.0
REFERENCED TO
INPUT COMMON
IF NOT USED
LEAVE UNCONNECTED
INHIBIT ACTIVE LOW (OUTPUT DISABLED) INHIBIT PIN PULLED LOW 4
—
—
0.8
V
Do not apply a voltage to the inhibit pin 5
INHIBIT PIN SOURCE
—
—
4
mA
CURRENT 1
REFERENCED TO
INPUT COMMON
INHIBIT ACTIVE HIGH (OUTPUT ENABLED) INHIBIT PIN CONDITION
OPEN COLLECTOR OR
Do not apply a voltage to the inhibit pin 5
UNCONNECTED
OPEN PIN VOLTAGE 1
8.5
—
12
V
For mean time between failures (MTBF) contact Applications Engineering
powerapps@crane-eg.com +1 425-882-3100 option 7
Crane Aerospace & Electronics Power Solutions
MFKsingleanddualdC-dCConverters
28 Volt input – 25 Watt
www.craneae.com/interpoint
Page 5 of 23
MFK Rev AJ - 2016.04.25
16tO50vOLtsInPUt–25WAtt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com