Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFK285R2S/883 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # MFK285R2S/883
Description  MFK S ingle and D ual D C-DC Converters 16 to 50 vol ts i npu t ??25 Watt
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFK285R2S/883 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  MFK285R2S/883 Datasheet HTML 1Page - Interpoint Corporation Company MFK285R2S/883 Datasheet HTML 2Page - Interpoint Corporation Company MFK285R2S/883 Datasheet HTML 3Page - Interpoint Corporation Company MFK285R2S/883 Datasheet HTML 4Page - Interpoint Corporation Company MFK285R2S/883 Datasheet HTML 5Page - Interpoint Corporation Company MFK285R2S/883 Datasheet HTML 6Page - Interpoint Corporation Company MFK285R2S/883 Datasheet HTML 7Page - Interpoint Corporation Company MFK285R2S/883 Datasheet HTML 8Page - Interpoint Corporation Company MFK285R2S/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
description
The Interpoint® MFK Series™ of high frequency dc-dc converters
offers a wide input voltage range of 16 to 50 volts and up
to 25 watts of output power. The converters are capable of
withstanding transients of up to 65 volts for up to one second.
The package is a hermetically sealed, welded metal case.
Flanged and non-flanged models are available.
Converter Design
The MFK converters are switching regulators that use a quasi-
square wave, single-ended forward converter design with a
constant switching frequency of 500 kHz, typical. Isolation
between input and output circuits is provided with transformers in
the forward path and in the feedback control loop.
HigHer Power Density
The MFK Series offers a new standard of performance for small
size and high power density. At just 0.360 inch high and a total
footprint of 1.7 in2, this low profile package offers a total power
density of up to 42 watts per cubic inch.
Low noise, HigH AuDio rejeCtion
The MFK converters current mode control system provides
excellent dynamic response and noise rejection. Audio rejection
is typically 50 dB. Output voltage response for a 50% to 100%
step load transient is as low as 4% with a 400 µs recovery time.
The MFK Series converters are provided with internal filtering
capacitors that help reduce the need for external components
in normal operation. Use our FMCE-0328 EMI filter to meet
the requirements of MIL-STD-461C CE03 and CS01 and/or
MIL-STD-461D, E and F CE102 and CS101 levels of conducted
emissions.
inHibit FunCtion
MFK converters provide an inhibit terminal that can be used to
disable internal switching, resulting in no output and very low
quiescent input current. The converter is inhibited when the
inhibit pin is pulled below 0.8 volts. The converter is enabled
when the pin, which is internally connected to a pull-up current
source, is left unconnected or is connected to an open-collector
gate. The open circuit voltage associated with the inhibit pin is
8.5 to 12 V. In the inhibit mode, a maximum of 4 mA must be
sunk from the inhibit pin. See Table 5 on page 5 for more
information.
synCHronizAtion
A synchronization feature is included with the MFK Series that
allows the user to match the switching frequency of the converter
to the frequency of a system clock. Synchronization allows
the user to adjust the nominal 500 kHz operating frequency to
any frequency within the range of 450 kHz to 550 kHz. This is
initiated by applying an active high input of the desired frequency
to the sync pin. See Table 5 on page 5 for more information.
sHort CirCuit ProteCtion
MFK Series converters provide short circuit protection by
restricting the output current to approximately 115% of the full
load output current.
unDervoLtAge LoCkout
Undervoltage lockout with hysteresis prevents the converters
from operating below approximately 15 volts input voltage to
keep system current levels smooth, especially during initialization
or re-start operations.
Features
• 16to50voltinput
• Upto87%efficiency,42W/in3
• AvailabletoClassH,MIL-PRF-38534
• Undervoltagelockout
• -55°Cto+125°Coperation
• Fullyisolated
• Magneticfeedback
• Fixedfrequency,500kHztypical
• 65voltsforupto1sec.transient
protection
• Inhibitandsyncfunction
• Outputshortcircuitprotection
MOdeLs
Output VOltage (V)
SINGLE
DUAL
1.8
±5
2.5
±7
3.3
±12
5
±15
5.2
5.7
12
15
28
Crane Aerospace & Electronics Power Solutions
MFKsingleanddualdC-dCConverters
Crane Aerospace & Electronics
Power Solutions – Interpoint Products
10301 Willows Rd. NE, Redmond, WA 98052
+1 425-882-3100 • power@crane-eg.com
www.craneae.com/interpoint
Page 1 of 23
16tO50vOLtsInPUt–25WAtt
MFK Rev AJ - 2016.04.25


Similar Part No. - MFK285R2S/883

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFKEA VISHAY-MFKEA Datasheet
138Kb / 10P
Standard Thick Film Chip Resistors
05-Aug-2022
MFKEB VISHAY-MFKEB Datasheet
138Kb / 10P
Standard Thick Film Chip Resistors
05-Aug-2022
MFKEC VISHAY-MFKEC Datasheet
138Kb / 10P
Standard Thick Film Chip Resistors
05-Aug-2022
MFKED VISHAY-MFKED Datasheet
138Kb / 10P
Standard Thick Film Chip Resistors
05-Aug-2022
MFKEE VISHAY-MFKEE Datasheet
138Kb / 10P
Standard Thick Film Chip Resistors
05-Aug-2022
More results

Similar Description - MFK285R2S/883

ManufacturerPart #DatasheetDescription
logo
Power-One
BG3020-7 POWER-ONE-BG3020-7 Datasheet
151Kb / 4P
25 Watt DC-DC Converters
IMS25 POWER-ONE-IMS25 Datasheet
130Kb / 4P
25 Watt DC-DC Converters
logo
List of Unclassifed Man...
UM1101 ETC1-UM1101 Datasheet
404Kb / 2P
25 to 30 Watt DC-DC Converters
logo
Astrodyne Corporation
ASD50 ASTRODYNE-ASD50 Datasheet
454Kb / 3P
Isolated and Regulated 25 to 50 WATT Modular DC/DC Converters
logo
Tumbler Technologies + ...
PD65-10 TRUMPOWER-PD65-10 Datasheet
218Kb / 3P
50-65 WATT DC TO DC CONVERTERS
logo
RSG Electronic Componen...
CHB50 RSG-CHB50 Datasheet
93Kb / 2P
25 TO 50 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB50W RSG-CHB50W Datasheet
1Mb / 1P
25 TO 50 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Tumbler Technologies + ...
PD65 TRUMPOWER-PD65 Datasheet
218Kb / 3P
50-65 WATT DC TO DC CONVERTERS
logo
Astrodyne Corporation
ASD50 ASTRODYNE-ASD50_16 Datasheet
177Kb / 3P
Isolated and Regulated 25 to 50 WATT Modular DC/DC Converters
logo
Gaomi Xinghe Electronic...
KBP3005 GXELECTRONICS-KBP3005 Datasheet
390Kb / 2P
VOLTAGE RANGE 50 TO 1000 VOL TS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com