Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL283R3S/883 Datasheet(PDF) 12 Page - Interpoint Corporation Company

Part # MFL283R3S/883
Description  MFL Single and Dual DC-DC Converters 28 Volt Input - 65 Watt
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL283R3S/883 Datasheet(HTML) 12 Page - Interpoint Corporation Company

Back Button MFL283R3S/883 Datasheet HTML 6Page - Interpoint Corporation Company MFL283R3S/883 Datasheet HTML 7Page - Interpoint Corporation Company MFL283R3S/883 Datasheet HTML 8Page - Interpoint Corporation Company MFL283R3S/883 Datasheet HTML 9Page - Interpoint Corporation Company MFL283R3S/883 Datasheet HTML 10Page - Interpoint Corporation Company MFL283R3S/883 Datasheet HTML 11Page - Interpoint Corporation Company MFL283R3S/883 Datasheet HTML 12Page - Interpoint Corporation Company MFL283R3S/883 Datasheet HTML 13Page - Interpoint Corporation Company MFL283R3S/883 Datasheet HTML 14Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Angled corner
indicates pin one.
1
2
3
4
5
6
12
11
10
9
8
7
0.000
0.120 (3.05)
0.250 (6.35)
0.450 (11.43)
0.650 (16.51)
0.850 (21.59)
1.050 (26.67)
1.250 (31.75)
1.380 (35.05)
1.505 (38.23) max.
0.128 dia
(3.25).
0.040 dia
(1.02)
0.23 (5.8) Pin Length
Seam Seal
Weight: 86 grams maximum
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device. Solder pins
individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold ceramic seal
Gold plating of 50 - 150 microinches is included in pin diameter
Seal Hole: 0.120 ±0.002 (3.05 ±0.05)
Case U, Rev K, 2014.03.03
Please refer to the numerical dimensions for accuracy.
TOP VIEW CASE U
Flanged case, short leads
Case “U” does not require a designator in the Case Option position of the model number.
Figure 18: caSe u
MFL single and dual dc-dc converters
28 VoLt input - 65 Watt
www.craneae.com/interpoint
Page 12 of 14
MFL Rev ad - 2016.02.19
Crane Aerospace & Electronics Power Solutions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com