Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL283R3S/883 Datasheet(PDF) 14 Page - Interpoint Corporation Company

Part # MFL283R3S/883
Description  MFL Single and Dual DC-DC Converters 28 Volt Input - 65 Watt
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL283R3S/883 Datasheet(HTML) 14 Page - Interpoint Corporation Company

Back Button MFL283R3S/883 Datasheet HTML 6Page - Interpoint Corporation Company MFL283R3S/883 Datasheet HTML 7Page - Interpoint Corporation Company MFL283R3S/883 Datasheet HTML 8Page - Interpoint Corporation Company MFL283R3S/883 Datasheet HTML 9Page - Interpoint Corporation Company MFL283R3S/883 Datasheet HTML 10Page - Interpoint Corporation Company MFL283R3S/883 Datasheet HTML 11Page - Interpoint Corporation Company MFL283R3S/883 Datasheet HTML 12Page - Interpoint Corporation Company MFL283R3S/883 Datasheet HTML 13Page - Interpoint Corporation Company MFL283R3S/883 Datasheet HTML 14Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
table 10: enVironmental Screening
Table is for reference only. See individual Series' datasheets for specific screening.
table 9: enVironmental Screening high reliability Dc-Dc conVerterS anD emi FilterS StanDarD, /eS anD /883 (claSS h)
enVironMentaL Screening high reLiabiLity
Standard, /eS and /883 (cLaSS h)
non
-QML 1
QML 2
teSt PerForMed
Standard
/eS
cLaSS h
/883
pre-cap inspection, Method 2017, 2032
n
n
n
temperature cycle (10 times)
Method 1010, Cond. C, -65°C to +150°C, ambient
n
Method 1010, Cond. B, -55°C to +125°C, ambient
n
constant acceleration
Method 2001, 3000 g
n
Method 2001, 500 g
n
pind, test Method 2020, cond. a
n 3
burn-in Method 1015, +125°c case, typical 4
96 hours
n
160 hours
n
Final electrical test, MiL-prF-38534, group a,
Subgroups 1 through 6, -55°C, +25°C, +125°C case
n
Subgroups 1 and 4, +25°C case
n
n
Hermeticity test
gross Leak, Cond. C1, fluorocarbon
n
n
Fine Leak, Cond. a2, helium
n
n
gross Leak, dip
n
Final visual inspection, Method 2009
n
n
n
Test methods are referenced to MIL-STd-883 as determined by MIL-PRF-38534.
Notes
1. Standard and ES are non-QML products and may not meet all of the requirements of MIL-PRF-38534.
2. all processes are QML qualified and performed by certified operators.
3. Not required by dLa but performed to assure product quality.
4. Burn-in temperature designed to bring the case temperature to +125°C minimum.
Burn-in is a powered test.
MFL single and dual dc-dc converters
MFL Single and dual, MFL Rev ad - 2016.02.19. This revision supersedes all previous releases. all technical information is believed to be
accurate, but no responsibility is assumed for errors or omissions. Crane Electronics, Inc. reserves the right to make changes in products or
specifications without notice. Interpoint is a registered trademark of Crane Co. MFL Series is a trademark of Crane Electronics, Inc. Copyright ©
1999 - 2016 Crane Electronics, Inc. all rights reserved. www.craneae.com/interpoint
Page 14 of 14
28 VoLt input - 65 Watt
Crane Aerospace & Electronics Power Solutions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com