Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHF2805S/883 Datasheet(PDF) 17 Page - Interpoint Corporation Company

Part # MHF2805S/883
Description  MHF Single, Dual and Triple DC-DC Converters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHF2805S/883 Datasheet(HTML) 17 Page - Interpoint Corporation Company

Back Button MHF2805S/883 Datasheet HTML 13Page - Interpoint Corporation Company MHF2805S/883 Datasheet HTML 14Page - Interpoint Corporation Company MHF2805S/883 Datasheet HTML 15Page - Interpoint Corporation Company MHF2805S/883 Datasheet HTML 16Page - Interpoint Corporation Company MHF2805S/883 Datasheet HTML 17Page - Interpoint Corporation Company MHF2805S/883 Datasheet HTML 18Page - Interpoint Corporation Company MHF2805S/883 Datasheet HTML 19Page - Interpoint Corporation Company MHF2805S/883 Datasheet HTML 20Page - Interpoint Corporation Company MHF2805S/883 Datasheet HTML 21Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
28 VOlT INPuT – 15 WaTT
MHF+28512T TURN ON INTO FULL LOAD
MAIN
5 ms/div.
+5 V
MHF+28515T has a similar response
VIN
Input ground
+5 ground
16
55
80
60
65
70
75
4
6
8
10 12 14
16 V
28 V
48 V
2
MHF+28512T EFFICIENCY
OUTPUT POWER (W)
16
55
80
60
65
70
75
2
4
6
8
10 12 14
16 V
48 V
MHF+28515T EFFICIENCY
OUTPUT POWER (W)
28 V
MHF+28512T has a similar response
MHF+ 28515T STEP LINE RESPONSE
5 ms/div.
–15 V
16 TO 40 VIN,15 = 250 mA EACH, +5 = 1.5 A
+15 V
5 V
Figure 28
Figure 29
Figure 30
Figure 31
Figure 32
MHF+28512T TURN ON INTO FULL LOAD
AUXILIARIES
5 ms/div.
–12 V
+12 V
MHF+28515T has a similar response
VIN
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 17 of 23
mHF+ Single, Dual and Triple DC-DC Converters
MHF+ rev aB - 2014.10.02
Typical performance ploTs: 25°c case, 28 Vin, 100% load, free run, unless oTherwise specified.
These are examples for reference only and are noT guaranTeed specificaTions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com