Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHF2805S/883 Datasheet(PDF) 12 Page - Interpoint Corporation Company

Part # MHF2805S/883
Description  MHF Single, Dual and Triple DC-DC Converters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHF2805S/883 Datasheet(HTML) 12 Page - Interpoint Corporation Company

Back Button MHF2805S/883 Datasheet HTML 8Page - Interpoint Corporation Company MHF2805S/883 Datasheet HTML 9Page - Interpoint Corporation Company MHF2805S/883 Datasheet HTML 10Page - Interpoint Corporation Company MHF2805S/883 Datasheet HTML 11Page - Interpoint Corporation Company MHF2805S/883 Datasheet HTML 12Page - Interpoint Corporation Company MHF2805S/883 Datasheet HTML 13Page - Interpoint Corporation Company MHF2805S/883 Datasheet HTML 14Page - Interpoint Corporation Company MHF2805S/883 Datasheet HTML 15Page - Interpoint Corporation Company MHF2805S/883 Datasheet HTML 16Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
table 9: eleCtriCal CharaCteristiCs -55°C to +125°C Case, 28 vin, 100% loaD, Free run, unless otherwise sPeCiFieD.
dual OuTPuT MOdelS
MHF+2805d
MHF+2812d
MHF+2815d
uniTS
ParaMeTer
COndiTiOnS
Min
TYP
MaX
Min
TYP
MaX
Min
TYP
MaX
oUTpUT VolTAge
+ VOuT
4.85
5.00
5.15
11.76
12.00
12.24
14.70
15.00
15.30
V
- VOuT
4.82
5.00
5.18
11.70
12.00
12.30
14.63
15.00
15.38
OuTPuT CurrenT 2, 3
eiTHer OuTPuT
0
±1.2
1.921
0
±0.625 1.1251
0
±0.50
0.901
a
Vin = 16 TO 40 V
TOTal OuTPuT
—
—
2.4
—
—
1.25
—
—
1.0
OuTPuT POWer 2, 3
eiTHer OuTPuT
0
±6
9.61
0
±7.5
13.51
0
±7.5
13.51
W
Vin = 16 TO 40 V
TOTal OuTPuT
—
—
12
—
—
15
—
—
15
OuTPuT riPPle
TC = 25°C
—
30
80
—
30
80
—
30
60
mV p-p
±VOuT, 10 kHz - 2 MHz
TC = -55°C TO +125°C
—
60
80
—
60
120
—
50
120
line regulaTiOn
+ VOuT
—
5
50
—
5
50
—
5
50
mV
Vin = 16 TO 40 V
- VOuT
—
—
80
—
—
100
—
—
100
lOad regulaTiOn
+ VOuT
—
20
50
—
20
50
—
20
50
mV
nl TO Full, BalanCed
- VOuT
—
—
100
—
—
100
—
—
100
CrOSS regulaTiOn 4
TC = 25°C
—
—
375
—
—
720
—
—
900
mV
InpUT VolTAge
COnTinuOuS
16
28
40
16
28
40
16
28
40
V
nO lOad TO Full
TranSienT 50 ms 1
—
—
50
—
—
50
—
—
50
V
inPuT CurrenT
nO lOad
—
20
40
—
25
50
—
25
50
ma
inHiBiTed
—
6
12
—
5
12
—
5
12
inPuT riPPle CurrenT
10 kHz - 10 MHz
—
20
80
—
35
100
—
35
100
ma p-p
eFFiCienCY
TC = 25°C
77
79
—
76
83
—
76
84
—
%
TC = -55°C TO +125°C
75
—
—
74
—
—
74
—
—
lOad FaulT 5
POWer diSSiPaTiOn
—
3
6
—
3
6
—
3
6
W
SHOrT CirCuiT
ReCoVeRY 1
—
7.5
30
—
7.5
50
—
7.5
50
ms
STeP lOad reSPOnSe 6, 7
TRAnSIenT +VOuT
—
±200
±600
—
±300
±700
—
±300
±700
mV pk
50% - 100% - 50%
TRAnSIenT -VOuT
—
±150
±600
—
±100
±700
—
±100
±700
BalanCed lOadS
ReCoVeRY
—
150
500
—
200
500
—
200
500
µs
STeP line reSPOnSe 1, 6, 8
TranSienT
—
±600
±800
—
±550
±750
—
±550
±750
mV pk
Vin = 16 - 40 - 16 V ±VOuT
ReCoVeRY
—
0.8
1.2
—
0.8
1.2
—
0.8
1.2
ms
STarT-uP 9
delaY
—
12
20
—
12
25
—
12
25
ms
Vin = 40 V
oVeRSHooT 1
—
80
250
—
200
750
—
200
750
mV pk
CApACITIVe loAD 1, 10, 11
TC = 25°C
—
—
47
—
—
10
—
—
10
µF
notes
1. guaranteed by qualification test and/or analysis. not an in-line test.
2. up to 90% (80% 2805d) of the total output current/power is available from either
output providing the opposite output is carrying at least 10% (20% 2805d) of the
total output power.
3. The “total” specification is the maximum combined current/power of both outputs.
4. effect on negative VOuT referenced to 50%/50% loads. 50% to 10% with the
opposite output held at 50% (applied to both outputs), see Figure 20 on page
16. Simultaneously 30%-70% 70%-30%.
5. indefinite short circuit protection not guaranteed above 125°C (case).
6. recovery time is measured from application of the transient to point at
which VOuT is within regulation.
7. Step transition time >10 µs.
8. Step transition time 100 µs ±20%
9. Measured on release from inhibit.
10. applies to each output.
11. no effect on dc performance.
www.craneae.com/interpoint
Page 12 of 23
Crane Aerospace & Electronics Power Solutions
mHF+ Single, Dual and Triple DC-DC Converters
28 VOlT INPuT – 15 WaTT
MHF+ rev aB - 2014.10.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com