Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR2805s/883 Datasheet(PDF) 20 Page - Interpoint Corporation Company

Part # MTR2805s/883
Description  MTR (40) Single, Dual and Triple DC-DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR2805s/883 Datasheet(HTML) 20 Page - Interpoint Corporation Company

Back Button MTR2805s/883 Datasheet HTML 16Page - Interpoint Corporation Company MTR2805s/883 Datasheet HTML 17Page - Interpoint Corporation Company MTR2805s/883 Datasheet HTML 18Page - Interpoint Corporation Company MTR2805s/883 Datasheet HTML 19Page - Interpoint Corporation Company MTR2805s/883 Datasheet HTML 20Page - Interpoint Corporation Company MTR2805s/883 Datasheet HTML 21Page - Interpoint Corporation Company MTR2805s/883 Datasheet HTML 22Page - Interpoint Corporation Company MTR2805s/883 Datasheet HTML 23Page - Interpoint Corporation Company MTR2805s/883 Datasheet HTML 24Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
0.155 (3.94)
0.955 (24.26)
0.155 (3.94)
0.955 (24.26)
6
10
7
8
9
Seam Seal
0.040 dia
(1.02)
0.000
1
2
6
10
BOTTOM VIEW CASE H2
3
4
5
7
8
9
0.000
1.115 max. (28.32)
1
2
3
4
5
Squared corner and dot on top
of case indicate pin one.
Squared corner and dot on top
of case indicate pin one.
Weight 50 gms max.
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold ceramic seal
Gold plating of 50 - 150 microinches included in pin diameter
Seal hole 0.120 ±0.002 (3.05 ± 0.05)
Case H2 MTR SD, Rev J, 2013.07.01
Please refer to the numerical dimensions for accuracy..
1.115 max. (28.32)
DUAL
SINGLE
Figure 38: Case h2 – single anD 883 Dual MoDels
applies to all single MoDels, applies only to 883 Dual MoDels,
see
Case h4 For non-883 Dual MoDels
Crane Aerospace & Electronics Power Solutions
mTR (40) Single, Dual and Triple DC-DC Converters
28 (16-40) VOlT INPuT – 30 WaTT
www.craneae.com/interpoint
Page 20 of 26
MTR-01 Rev AA - 2013.09.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com