Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR2805s/883 Datasheet(PDF) 11 Page - Interpoint Corporation Company

Part # MTR2805s/883
Description  MTR (40) Single, Dual and Triple DC-DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR2805s/883 Datasheet(HTML) 11 Page - Interpoint Corporation Company

Back Button MTR2805s/883 Datasheet HTML 7Page - Interpoint Corporation Company MTR2805s/883 Datasheet HTML 8Page - Interpoint Corporation Company MTR2805s/883 Datasheet HTML 9Page - Interpoint Corporation Company MTR2805s/883 Datasheet HTML 10Page - Interpoint Corporation Company MTR2805s/883 Datasheet HTML 11Page - Interpoint Corporation Company MTR2805s/883 Datasheet HTML 12Page - Interpoint Corporation Company MTR2805s/883 Datasheet HTML 13Page - Interpoint Corporation Company MTR2805s/883 Datasheet HTML 14Page - Interpoint Corporation Company MTR2805s/883 Datasheet HTML 15Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Notes
1. Guaranteed by design and/or analysis. Not an in-line test.
2. Operation is limited below 16V (see “Figure 27” on page 17).
3. Tested with 6800 pF ceramic bypass capacitor connected
externally from input common to case.
4. Indefinite short circuit protection not guaranteed above 125°C case.
5. Recovery time is measured from application of the transient to
point at which VOUT is within 1% of final value.
6. Tested on release from inhibit.
SINGLE OUTPUT MODELS
MTR2815S
MTR2818S
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
OUTPUT VOLTAGE
14.70 15.00 15.30 17.46 18.00 18.54
VDC
OUTPUT CURRENT
Vin = 16 to 40 VDC
0
—
2.0
0
—
1.67
A
OUTPUT POWER
Vin = 16 to 40 VDC
0
—
30
0
—
30
W
OUTPUT RIPPLE
TC = 25°C
—
25
40
—
—
40
mV p-p
10 kHz - 2 MHz
TC = -55°C TO +125°C
—
40
90
—
—
90
LINE REGULATION 2
VIN = 16 TO 40 VDC
—
15
50
—
—
50
mV
LOAD REGULATION
NO LOAD TO FULL
—
15
50
—
—
50
mV
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
VDC
NO LOAD TO FULL
TRANSIENT 50 msec.
—
—
50
—
_
50
V
INPUT CURRENT
NO LOAD
—
35
75
—
—
75
mA
INHIBITED
—
3
8
—
—
8
INPUT RIPPLE CURRENT 3 10 kHz - 10 MHz
—
20
50
—
—
50
mA p-p
EFFICIENCY
TC = 25°C
81
84
—
81
84
—
%
TC = -55°C TO +125°C
78
—
—
78
—
—
LOAD FAULT 4
POWER DISSIPATION
—
—
12
—
—
12
W
SHORT CIRCUIT
RECOVERY 1
—
1.4
5
—
1.4
5
ms
STEP LOAD RESPONSE
TRANSIENT
—
±350
±500
—
—
±600
mV pk
50% - 100% - 50%
RECOVERY 1, 5
—
60
200
—
60
200
µs
STEP LINE RESPONSE
TRANSIENT
—
±500
±600
—
±500
±800
mV pk
16 - 40 -16 VDC
RECOVERY 5
—
—
300
—
—
300
µs
START-UP 6
DELAY
—
1.4
5
—
—
5
m sec
FULL LOAD
OVERSHOOT 1
—
0
150
—
0
180
mV pk
CAPACITIVE LOAD 1
TC = 25°C
NO EFFECT ON DC
PERFORMANCE
—
—
300
—
—
300
µF
table 7: eleCtriCal CharaCteristiCs: -55°C to +125°C tC, 28 vDC vin, 100% loaD, Free run, unless otherWise speCiFieD.
Crane Aerospace & Electronics Power Solutions
mTR (40) Single, Dual and Triple DC-DC Converters
28 (16-40) VOlT INPuT – 30 WaTT
www.craneae.com/interpoint
Page 11 of 26
MTR-01 Rev AA - 2013.09.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com