Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHV2805D/883 Datasheet(PDF) 12 Page - Interpoint Corporation Company

Part # MHV2805D/883
Description  MHV Single, Dual and Triple DC-DC Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHV2805D/883 Datasheet(HTML) 12 Page - Interpoint Corporation Company

Back Button MHV2805D/883 Datasheet HTML 8Page - Interpoint Corporation Company MHV2805D/883 Datasheet HTML 9Page - Interpoint Corporation Company MHV2805D/883 Datasheet HTML 10Page - Interpoint Corporation Company MHV2805D/883 Datasheet HTML 11Page - Interpoint Corporation Company MHV2805D/883 Datasheet HTML 12Page - Interpoint Corporation Company MHV2805D/883 Datasheet HTML 13Page - Interpoint Corporation Company MHV2805D/883 Datasheet HTML 14Page - Interpoint Corporation Company MHV2805D/883 Datasheet HTML 15Page - Interpoint Corporation Company MHV2805D/883 Datasheet HTML 16Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TRIPLE OuTPuT MODEL – MHV28515T
5 (MAIn)
±15 (AuXILIARIES)
PARAMETER
COnDITIOnS
MIn
TyP
MAX
MIn
TyP
MAX
unITS
OuTPuT VOLTAGE
MAIn AnD POS. AuX
4.90
5.00
5.10
14.70 15.00
15.30
V
nEG. AuX.
-14.62 -15.00 -15.38
OuTPuT CuRREnT 2
—
—
2.0
0
±0.167 0.267 1
A
VIn=16to50V
TOTAL
—
—
—
—
—
0.333
OuTPuT POWER 3
0
—
10
0
±2.50
4.00 1
W
VIn=16to50V
TOTAL
—
—
—
—
—
5
OuTPuT RIPPLE
TC =25°C
—
8
20
—
9
20
±VOuT, 10 kHZ - 2 MHZ
TC=-55°Cto+125°C
—
—
22
—
—
22
mV p-p
LInE REGuLATIOn
MAIn AnD POS. AuX
—
0
5
—
7
35
mV
VIn =16,50V
nEG. AuX.
—
7
40
LOAD REGuLATIOn 4
MAIn AnD POS. AuX
—
10
20
—
10
30
nEG. AuX.
—
—
—
—
40
80
mV
CROSS REGuLATIOn 5
EFFECT On
—
—
—
—
400
800
mV
nEGATIVE AuXILIARy
InPuT VOLTAGE
COnTInuOuS
16
28
50
—
—
—
V
TRAnSIEnT 120 ms 1
—
—
80
—
—
—
V
InPuT CuRREnT
nO LOAD
—
34
41
—
—
—
mA
InHIBITED
—
8.4
10
—
—
—
InPuT RIPPLE CuRREnT
10 kHz - 10 MHz
—
10
30
—
—
—
mA p-p
EFFICIEnCy
TC=25°C
75
78
—
—
—
—
TC=-55°Cto+125°C
74
—
—
—
—
—
%
LOAD FAuLT 6
POWER DISSIPATIOn
—
—
9.5
—
—
9.5
W
RECOVERy 1
—
—
25
—
—
25
ms
STEP LOAD RESPOnSE 7
TRAnSIEnT
—
—
±350
—
—
±600
mV pk
RECOVERy
—
—
3
—
—
4
ms
STEP LInE RESPOnSE 1, 8
TRAnSIEnT
—
—
±400
—
—
±500
mV pk
16 - 50 - 16 VIn
RECOVERy
—
—
3
—
—
4
ms
START-uP 9
DELAy
—
—
15
—
—
15
ms
OVERSHOOT 1
—
—
100
—
—
300
mV pk
CAPACITIVE LOAD 1, 10
25°C
—
—
200
—
—
100
µF
table 12: eleCtriCal CharaCteristiCs -55°C to +125°C Case, 28 vin, 100% loaD, Free run, unless otherwise sPeCiFieD.
notes
1. Guaranteed by design and/or analysis. not an in-line test.
2. The sum of the 12 volt auxiliary output currents may not exceed 416 mA.
3. The sum of the auxiliary output power may not exceed 5 watts. up to 80% of the
total power (5W) is available from either auxiliary providing the opposite auxiliary
is carrying 20% of the total auxiliary power used.
4. Load regulation for the +5 is specified at 0.0 to 2.0 A with the aux. both held at 2.5
W (167 mA). Load regulation for the auxiliary is specified as both auxiliaries from
0.0 to 2.5 W (167 mA) at the same time with the +5 held at 2.0 A.
5. Cross regulation occurs between the two auxiliaries and is measured on –aux. +5
is held constant at 2.0 A. Cross regulation is specified for two conditions:
5.A.Positiveaux.=2.5W(50%);negativeaux.=2.5Wto0.5W(50%to10%).
5.B.From+Po=70%and-Po=30%to+Po=30%and-Po=70%.
Above conditions are referenced to 50%/50% balanced loads.
6.Loadfaultisashortcircuit(<50mΩ).Recoveryisintoaresistiveload.
7.Steploadtransition≥10µs.Recovery=timetosettletowithin1%ofVOuT final
value. negative auxiliary is guaranteed by design and/or analysis.
8.Steplinetransition≥10µs.Recovery=timetosettletowithin1%ofVOuT final
value.
9. At inputs above 40 volts with temperatures above approximately 100°C, to ensure
start-up, transition time should be greater than 5 ms and use of the inhibit function
should be avoided.
10. Applicable to each output. no effect on dc performance.
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 12 of 21
MHV Rev AC - 2015.01.23
mHV single, dual and triple dc-dc converters
28 Volt input – 15 Watt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com