Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHV2805D/883 Datasheet(PDF) 14 Page - Interpoint Corporation Company

Part # MHV2805D/883
Description  MHV Single, Dual and Triple DC-DC Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHV2805D/883 Datasheet(HTML) 14 Page - Interpoint Corporation Company

Back Button MHV2805D/883 Datasheet HTML 10Page - Interpoint Corporation Company MHV2805D/883 Datasheet HTML 11Page - Interpoint Corporation Company MHV2805D/883 Datasheet HTML 12Page - Interpoint Corporation Company MHV2805D/883 Datasheet HTML 13Page - Interpoint Corporation Company MHV2805D/883 Datasheet HTML 14Page - Interpoint Corporation Company MHV2805D/883 Datasheet HTML 15Page - Interpoint Corporation Company MHV2805D/883 Datasheet HTML 16Page - Interpoint Corporation Company MHV2805D/883 Datasheet HTML 17Page - Interpoint Corporation Company MHV2805D/883 Datasheet HTML 18Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
28 Volt input – 15 Watt
2 ms/div
VIN
-VOUT
+VOUT
TURN ON RESPONSE MHV2815D
Figure 19
Figure 20
Figure 21
Figure 22
Figure 23
Figure 24
Figure 25
Figure 26
400 µs/div
100% to 50% Load
50% to 100% Load
+VOUT STEP LOAD RESPONSE
MHV2815D
200 µs/div
50% to 100% Load
100% to 50% Load
-VOUT STEP LOAD RESPONSE
MHV2815D
40 µs/div
+VOUT
-VOUT
VIN
16 V to 50 V
STEP LINE RESPONSE MHV2815D
17
15
13
11
9
7
5
10
15
OUTPUT POWER (W)
LOW LINE DROPOUT vs. LOAD
MHV2815D
OUTPUT POWER (W)
MHV2815D EFFICIENCY
40
30
90
80
70
60
50
3
0
9
6
12
15
16 V
28 V
50 V
OUTPUT POWER (W)
MHV2812D EFFICIENCY
40
30
90
80
70
60
50
3
0
9
6
12
15
16 V
28 V
50 V
OUTPUT POWER (W)
MHV2805D EFFICIENCY
40
30
90
80
70
60
50
3
0
9
6
12
15
16 V
28 V
50 V
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 14 of 21
mHV single, dual and triple dc-dc converters
MHV Rev AC - 2015.01.23
Typical performance ploTs: 25°c case, 28 Vin, 100% load, free run, unless oTherwise specified.
These are examples for reference only and are noT guaranTeed specificaTions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com