Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

mhf2805d/883 Datasheet(PDF) 23 Page - Interpoint Corporation Company

Part # mhf2805d/883
Description  MHF Single, Dual and Triple DC-DC Converters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

mhf2805d/883 Datasheet(HTML) 23 Page - Interpoint Corporation Company

Back Button mhf2805d/883 Datasheet HTML 15Page - Interpoint Corporation Company mhf2805d/883 Datasheet HTML 16Page - Interpoint Corporation Company mhf2805d/883 Datasheet HTML 17Page - Interpoint Corporation Company mhf2805d/883 Datasheet HTML 18Page - Interpoint Corporation Company mhf2805d/883 Datasheet HTML 19Page - Interpoint Corporation Company mhf2805d/883 Datasheet HTML 20Page - Interpoint Corporation Company mhf2805d/883 Datasheet HTML 21Page - Interpoint Corporation Company mhf2805d/883 Datasheet HTML 22Page - Interpoint Corporation Company mhf2805d/883 Datasheet HTML 23Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Table is for reference only. See individual Series' datasheets for specific screening.
table 6: environMental sCreening–high reliability stanDarD, /es anD /883 (Class h)
Standard, /eS (nOn-QMl) and /883 (claSS H, QMl)
Mil-prF-38534 enVirOnMental Screening
nOn
-QMl 1
QMl 2
teSt perFOrMed
Standard
/eS
claSS H
/883
Pre-cap Inspection, method 2017, 2032
n
n
n
Temperature Cycle (10 times)
Method 1010, Cond. C, -65°C to +150°C, ambient
n
Method 1010, Cond. B, -55°C to +125°C, ambient
n
Constant acceleration
Method 2001, 3000 g
n
Method 2001, 500 g
n
PIND, Test method 2020, Cond. a
n 3
n 3
burn-in method 1015, +125°C case, typical 4
96 hours
n
160 hours
n
Final Electrical Test, mIl-PRF-38534, group a,
Subgroups 1 through 6, -55°C, +25°C, +125°C case
n
Subgroups 1 and 4, +25°C case
n
n
Hermeticity Test
gross leak, Method 1014, Cond. C
n
n
Fine leak, Method 1014, Cond. a
n
n
gross leak, dip
n
Final visual inspection, method 2009
n
n
n
Test methods are referenced to Mil-STd-883 as determined by Mil-PrF-38534.
notes
1. Standard and /eS, non-QMl products, may not meet all of the requirements of MIl-pRF-38534.
2. All processes are QMl qualified and performed by certified operators.
3. not required by dla but performed to assure product quality.
4. Burn-in temperature designed to bring the case temperature to +125°C minimum. Burn-in is a powered test.
table 13: environMental sCreening
MHF+ Single, dual and Triple. MHF+ rev aB - 2014.10.02 This revision supersedes all previous releases. all technical information is believed to
be accurate, but no responsibility is assumed for errors or omissions. Crane electronics, inc. reserves the right to make changes in products or
specifications without notice. interpoint is a registered trademark of Crane Co. MHF+ Series is a trademark of Crane electronics, inc.
Copyright © 1999 - 2014 Crane electronics, inc. all rights reserved. www.craneae.com/interpoint.
Page 23 of 23
Crane Aerospace & Electronics Power Solutions
mHF+ Single, Dual and Triple DC-DC Converters
28 VOlT INPuT – 15 WaTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com