Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

mhf2805d/883 Datasheet(PDF) 16 Page - Interpoint Corporation Company

Part # mhf2805d/883
Description  MHF Single, Dual and Triple DC-DC Converters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

mhf2805d/883 Datasheet(HTML) 16 Page - Interpoint Corporation Company

Back Button mhf2805d/883 Datasheet HTML 12Page - Interpoint Corporation Company mhf2805d/883 Datasheet HTML 13Page - Interpoint Corporation Company mhf2805d/883 Datasheet HTML 14Page - Interpoint Corporation Company mhf2805d/883 Datasheet HTML 15Page - Interpoint Corporation Company mhf2805d/883 Datasheet HTML 16Page - Interpoint Corporation Company mhf2805d/883 Datasheet HTML 17Page - Interpoint Corporation Company mhf2805d/883 Datasheet HTML 18Page - Interpoint Corporation Company mhf2805d/883 Datasheet HTML 19Page - Interpoint Corporation Company mhf2805d/883 Datasheet HTML 20Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
28 VOlT INPuT – 15 WaTT
POSITIVE OUTPUT LOAD (% OF TOTAL LOAD)
–VOUT WITH SHIFT IN LOAD BALANCE
CROSS REGULATION
–10
100
0
20
40
60
80
–5
0
5
10
2812D
2815D
2805D
OUTPUT POWER (Watts)
MHF+2815D EFFICIENCY
40
90
80
70
60
50
2
4
6
8
10 12
14
40V
28V
16V
15
50 µs/div
50% 100%
MHF+2815D +VOUT STEP LOAD RESPONSE
50% to 100%
100% to 50%
PO = 7.5 W
50 µs/div
20% 100%
MHF+2815D +VOUT STEP LOAD RESPONSE
20% to 100%
100% to 20%
PO = 7.5 W
OUTPUT LOAD (%)
COND. A: 50% LOAD +V; 50% to 10% –V
COND. B: 50% LOAD –V; 50% to 10% +V
MHF+2805D/MHF+2812D/MHF+2815D
CROSS REGULATION
–10
0
10
10
20
30
40
50
–8
–6
–4
–2
2
4
6
8
2815D
2812D
2812D
COND B
COND A
2805D
2805D
2 ms/div
MHF+2815D TURN-ON INTO FULL LOAD
VIN
+VOUT
–VOUT
1 ms/div
16V TO 40V
MHF+2815D STEP LINE RESPONSE
VIN
+VOUT
Figure 19
Figure 20
Figure 21
Figure 22
Figure 23
Figure 24
Figure 25
Figure 26
Figure 27
OUTPUT POWER (Watts)
MHF+2805D EFFICIENCY
40
90
80
70
60
50
2
4
6
8
10
12
40V
28V
16V
OUTPUT POWER (Watts)
MHF+2812D EFFICIENCY
40
90
80
70
60
50
2
4
6
8
10 12
14
40V
28V
16V
15
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 16 of 23
mHF+ Single, Dual and Triple DC-DC Converters
MHF+ rev aB - 2014.10.02
Typical performance ploTs: 25°c case, 28 Vin, 100% load, free run, unless oTherwise specified.
These are examples for reference only and are noT guaranTeed specificaTions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com