Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSA2805d/883 Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # MSA2805d/883
Description  MSA/MGA Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MSA2805d/883 Datasheet(HTML) 3 Page - Interpoint Corporation Company

  MSA2805d/883 Datasheet HTML 1Page - Interpoint Corporation Company MSA2805d/883 Datasheet HTML 2Page - Interpoint Corporation Company MSA2805d/883 Datasheet HTML 3Page - Interpoint Corporation Company MSA2805d/883 Datasheet HTML 4Page - Interpoint Corporation Company MSA2805d/883 Datasheet HTML 5Page - Interpoint Corporation Company MSA2805d/883 Datasheet HTML 6Page - Interpoint Corporation Company MSA2805d/883 Datasheet HTML 7Page - Interpoint Corporation Company MSA2805d/883 Datasheet HTML 8Page - Interpoint Corporation Company MSA2805d/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
200 pF
3.9 K
10 K
Inhibit
Input
Common
10 k
12 k
5 k
400
50 k
2N3904
10V
Vcc
Positive
Input
Figure 2: inhibit interFaCe msa anD mga
+
C2
T1
C1
Case
C3
Input
Common
Positive
Input
Positive
Output
Output Common
To Load
Positive
Input
Input
Common
Positive
Output
Output
Common
From input
power source
EMI Filter
Case
T1
Figure 3: loW noise output Filter msa anD mga single output moDels
C2
T2
C1
T2
C4
C3
C5
To Loads
Case
Input
Common
Positive
Input
Positive
Output
Output Common
Positive
Input
Input
Common
Positive
Output
Output
Common
From input
power source
EMI Filter
Case
Negative
Output
+
+
Figure 4: loW noise output Filter msa anD mga Dual output moDels
ThefiltersuggestionsinFigure3andFigure4
willfurtherreducetheoutputrippleforsystems
requiringverylowoutputnoise.
C1=0.27µFceramiccapacitor,500V
C2=C4=6.8µFtantalumcapacitor
C3=C5=0.27µFceramiccapacitor
Singleoutput:
T1=15T#28AWGwindingontoroid,5m=5000
Dualoutput:
T2=10T#28AWGwindingontoroid,5m=5000
Crane Aerospace & Electronics Power Solutions
MSA/MGA Single and Dual DC-DC Converters
28 Volt input – 5 WAtt
www.craneae.com/interpoint
Page3of15
MSA_MGARevAC-2013.06.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com