Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSA2805d/883 Datasheet(PDF) 12 Page - Interpoint Corporation Company

Part # MSA2805d/883
Description  MSA/MGA Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MSA2805d/883 Datasheet(HTML) 12 Page - Interpoint Corporation Company

Back Button MSA2805d/883 Datasheet HTML 7Page - Interpoint Corporation Company MSA2805d/883 Datasheet HTML 8Page - Interpoint Corporation Company MSA2805d/883 Datasheet HTML 9Page - Interpoint Corporation Company MSA2805d/883 Datasheet HTML 10Page - Interpoint Corporation Company MSA2805d/883 Datasheet HTML 11Page - Interpoint Corporation Company MSA2805d/883 Datasheet HTML 12Page - Interpoint Corporation Company MSA2805d/883 Datasheet HTML 13Page - Interpoint Corporation Company MSA2805d/883 Datasheet HTML 14Page - Interpoint Corporation Company MSA2805d/883 Datasheet HTML 15Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
0.000
0.132 (3.35)
0.932 (23.67)
8
7
6
5
4
3
2
1
0.025
(0.64)
dia.
BOTTOM VIEW CASE C1
Projection Weld
Squared corner and dot on
top of case indicate pin one.
Weight: 15 grams maximum
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application
not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Gold
Cover
Cold Rolled Steel/Nickel
Pins
#52 alloy, gold, compression glass seal
Gold plating of 50 - 150 microinches included in pin diameter
Seal hole: 0.070 ±0.003 (1.78 ±0.08)
Case C1 MSA, Rev B, 2013.04.15
Please refer to the numerical dimensions for accuracy.
1.075 max. (27.31)
Figure 26: msa Case Dimensions
Crane Aerospace & Electronics Power Solutions
MSA/MGA Single and Dual DC-DC Converters
28 Volt input – 5 WAtt
www.craneae.com/interpoint
Page12of15
MSA_MGARevAC-2013.06.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com