Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLH28 Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # SLH28
Description  SLH Single and Dual DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SLH28 Datasheet(HTML) 7 Page - Interpoint Corporation Company

Back Button SLH28 Datasheet HTML 3Page - Interpoint Corporation Company SLH28 Datasheet HTML 4Page - Interpoint Corporation Company SLH28 Datasheet HTML 5Page - Interpoint Corporation Company SLH28 Datasheet HTML 6Page - Interpoint Corporation Company SLH28 Datasheet HTML 7Page - Interpoint Corporation Company SLH28 Datasheet HTML 8Page - Interpoint Corporation Company SLH28 Datasheet HTML 9Page - Interpoint Corporation Company SLH28 Datasheet HTML 10Page - Interpoint Corporation Company SLH28 Datasheet HTML 11Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 7 of 12
SLH Rev AB - 2015.10.22
eLectricaL characteriSticS: -55° to +125°c caSe, 28 vDc vin, 100% LoaD, unLeSS otherwiSe SPeciFieD
theSe are examPLeS For reFerence onLy anD are not guaranteeD SPeciFicationS
SLH Single and Dual DC-DC Converters
28 VoLt input – 1.5 Watt
EMI: Representative of all SLH Models
CE03
LIMIT
NARROWBAND
90
70
50
30
10
.015
0.1
1
10
50
Figure 4
SLH2805S with STF EMI Filter MIL-STD-461C, CE03
Frequency (MHz), 28 VIn
SLH2805S Unfiltered
Frequency (MHz), 28 VIn
CE03
LIMIT
NARROWBAND
90
70
50
30
10
.015
0.1
1
10
50
Figure 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com