Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLH28 Datasheet(PDF) 9 Page - Interpoint Corporation Company

Part # SLH28
Description  SLH Single and Dual DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SLH28 Datasheet(HTML) 9 Page - Interpoint Corporation Company

Back Button SLH28 Datasheet HTML 4Page - Interpoint Corporation Company SLH28 Datasheet HTML 5Page - Interpoint Corporation Company SLH28 Datasheet HTML 6Page - Interpoint Corporation Company SLH28 Datasheet HTML 7Page - Interpoint Corporation Company SLH28 Datasheet HTML 8Page - Interpoint Corporation Company SLH28 Datasheet HTML 9Page - Interpoint Corporation Company SLH28 Datasheet HTML 10Page - Interpoint Corporation Company SLH28 Datasheet HTML 11Page - Interpoint Corporation Company SLH28 Datasheet HTML 12Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
60.0
65.0
70.0
75.0
80.0
85.0
90.0
0.00
0.50
1.00
1.50
65.0
70.0
75.0
80.0
85.0
90.0
0.00
0.50
1.00
1.50
65.0
70.0
75.0
80.0
85.0
90.0
0.00
0.50
1.00
1.50
SLH2815D Efficiency
SLH2805D Efficiency
SLH2812D Efficiency
Output Power (Watts)
Output Power (Watts)
Output Power (Watts)
16 Vin
28 Vin
40 Vin
16 Vin
28 Vin
40 Vin
16 Vin
28 Vin
40 Vin
Figure 19
Figure 20
Figure 21
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 9 of 12
SLH Rev AB - 2015.10.22
eLectricaL characteriSticS: -55° to +125°c caSe, 28 vDc vin, 100% LoaD, unLeSS otherwiSe SPeciFieD
theSe are examPLeS For reFerence onLy anD are not guaranteeD SPeciFicationS
SLH Single and Dual DC-DC Converters
28 VoLt input – 1.5 Watt
Figure 14
Figure 15
Figure 16
Representative of Dual Input Ripple Current
Representative of Dual Output Ripple Voltage
2 µs/div
400 µs/div
2 µs/div
100 µs/div
1 ms/div
6 µH inductor in series with input
Figure 17
Figure 18
Representative of Dual Output Load Transient
Representative of Dual Output Turn-On Delay
Representative of Single Output Line Transient
Vin 16 to 40 to 16 Volts, full resistive load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com