Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMSA2805S/KR Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # SMSA2805S/KR
Description  SMSA Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMSA2805S/KR Datasheet(HTML) 7 Page - Interpoint Corporation Company

Back Button SMSA2805S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 9Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 10Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 11Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
notes
1. guaranteed by characterization test and/or analysis. not a production test.
2. The inhibited input current is tested with <0.8 volts on the inhibit.
3. For RHA L, 50 krad converters, the pre-radiation spec for Iin Inhibit is 7 mA max.
4. Tested with a 2 µH external input inductor.
5. Indefinite short circuit protection not guaranteed above 125°C (case).
6. Recovery time is measured from application of the transient to point at which
VOuT is within 1% of VOuT at final value.
table 6: electrical characteriSticS: -55°c to +125°c caSe, 28 vin, 100% loaD, unleSS otherWiSe SpeciFieD.
SIngLE OuTPuT MODELS
SMSA283R3S
SMSA2805S
SMSA285R2S
unITS
PARAMETER
COnDITIOnS
MIn
TYP
MAX
MIn
TYP
MAX
MIn
TYP
MAX
OuTPuT VOLTAgE
3.15
3.30
3.45
4.80
5.00
5.20
4.99
5.20
5.39
V
OuTPuT CuRREnT
VIn = 16 TO 40 V
0
—
1200
0
—
1000
0
—
962
mA
OuTPuT POWER
VIn = 16 TO 40 V
—
—
4.0
—
—
5.0
—
—
5.0
W
OuTPuT RIPPLE
TC = 25°C
—
300
600
—
150
450
—
150
450
mV p-p
10 kHz - 2 MHz
TC = -55°C TO +125°C
—
—
900
—
—
675
—
—
675
LInE REguLATIOn
VIn = 16 TO 40 V
—
10
50
—
10
50
—
10
50
mV
LOAD REguLATIOn
nO LOAD TO FuLL
—
10
50
—
10
50
—
10
50
mV
InPuT VOLTAgE
COnTInuOuS
16
28
40
16
28
40
16
28
40
V
nO LOAD TO FuLL
TRAnSIEnT 1 50 ms
0
—
50
0
—
50
0
—
50
InPuT CuRREnT 2
nO LOAD
—
35
50
—
35
50
—
35
60
InHIBITED
—
3
5
—
3
5
—
3
5
mA
InHIBITED 50 krad 3
—
5
7
—
5
7
—
5
7
InPuT RIPPLE CuRREnT 4
10 kHz - 10 MHz
—
60
100
—
60
300
—
60
300
mA p-p
EFFICIEnCY
TC = 25°C
60
—
—
64
74
—
64
74
—
%
TC = -55°C TO +125°C
60
—
—
62
—
—
62
—
—
LOAD FAuLT 1, 5
POWER DISSIPATIOn
—
1.5
2.5
—
1.5
2.2
—
1.5
2.2
W
SHORT CIRCuIT
RECOVERY
—
12.5
75
—
12.5
75
—
12.5
75
ms
STEP LOAD RESPOnSE 6
TRAnSIEnT
—
200
500
—
200
1500
—
200
1500
mV pk
50% - 100% - 50%
RECOVERY 1
—
200
500
—
200
4500
—
200
4500
µs
STEP LInE RESPOnSE 1, 6
TRAnSIEnT
—
200
500
—
200
500
—
200
500
mV pk
16 - 40 - 16 V
RECOVERY
—
400
500
—
400
1000
—
400
1000
µs
START-uP
DELAY
—
10
30
—
10
30
—
10
30
ms
OVERSHOOT 1
—
0
200
—
0
200
—
0
200
mV pk
CAPACITIVE LOAD 1
TC = 25°C
nO EFFECT On DC
PERFORMAnCE
—
—
500
—
—
300
—
—
300
µF
Crane Aerospace & Electronics Power Solutions
SMSA Single and Dual DC-DC Converters
Page 7 of 15
28 Volt input – 5 Watt
www.craneae.com/interpoint
SMSA Rev AE - 2016.02.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com