Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMSA2805S/KR Datasheet(PDF) 11 Page - Interpoint Corporation Company

Part # SMSA2805S/KR
Description  SMSA Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMSA2805S/KR Datasheet(HTML) 11 Page - Interpoint Corporation Company

Back Button SMSA2805S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 9Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 10Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 11Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 12Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 13Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 14Page - Interpoint Corporation Company SMSA2805S/KR Datasheet HTML 15Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Typical performance ploTs: 28 Vin, 25°c Tc, 100% load, free run, unless oTherwise specified.
These are examples for reference only and are not guaranteed specifications.
Figure 15
500 µs/div
SMSA2815D TURN-ON INTO NO LOAD
VIN
+VOUT
–VOUT
Figure 16
Figure 17
Figure 18
Figure 19
Figure 20
200 µs/div
16V TO 40V
SMSA2815D INPUT STEP LINE RESPONSE
VIN
+VOUT
–VOUT
200 µs/div
10%
90%
SMSA2815D +VO STEP LOAD RESPONSE
10% to 90%
90% to 10%
–POUT=0.5W
100 µs/div
10%
50%)
SMSA2815D +VO STEP LOAD RESPONSE
10% to 50%
50% to 10%
–POUT=2.5W
Figure 21
Figure 22
OUTPUT POWER (Watts)
SMSA2805D EFFICIENCY
30
80
70
60
50
40
1
2
3
4
5
6
40V
16V
28V
OUTPUT POWER (Watts)
SMSA2812D EFFICIENCY
30
80
70
60
50
40
1
2
3
4
5
6
40V
16V
28V
OUTPUT POWER (Watts)
SMSA2815D EFFICIENCY
30
80
40V
70
60
50
40
1
2
3
4
5
6
16V
28V
FREQUENCY (kHz)
SMSA SERIES AUDIO REJECTION
100
0.1
1
10
100
90
80
70
60
50
40
30
20
10
Crane Aerospace & Electronics Power Solutions
SMSA Single and Dual DC-DC Converters
Page 11 of 15
28 Volt input – 5 Watt
www.craneae.com/interpoint
SMSA Rev AE - 2016.02.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com