Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP3099L-13. Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP3099L-13.
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3099L-13. Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP3099L-13. Datasheet HTML 1Page - Diodes Incorporated DMP3099L-13. Datasheet HTML 2Page - Diodes Incorporated DMP3099L-13. Datasheet HTML 3Page - Diodes Incorporated DMP3099L-13. Datasheet HTML 4Page - Diodes Incorporated DMP3099L-13. Datasheet HTML 5Page - Diodes Incorporated DMP3099L-13. Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMP3099L
Document number: DS36081 Rev. 3 - 2
2 of 6
www.diodes.com
May 2013
© Diodes Incorporated
DMP3099L
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Note 5) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-3.8
-2.9
A
Pulsed Drain Current (Note 6)
IDM
-11
A
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
1.08
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 5)
RθJA
115
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-30
—
—
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
—
—
-800
nA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
-1.0
—
-2.1
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)
—
—
65
99
mΩ
VGS = -10V, ID = -3.8A
VGS = -4.5V, ID = -3.0A
Forward Transfer Admittance
|Yfs|
—
3.6
—
S
VDS = -5V, ID = -2.7A
Diode Forward Voltage (Note 6)
VSD
—
—
-1.26
V
VGS = 0V, IS = -2.7A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
563
—
pF
VDS = -25V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
48
—
pF
Reverse Transfer Capacitance
Crss
—
41
—
pF
Gate Resistance
RG
—
10.3
—
Ω
VGS = 0V VDS = 0V, f = 1MHz
SWITCHING CHARACTERISTICS (Note 8)
Total Gate Charge
Qg
—
5.2
—
nC
VDS = -15V, VGS = -4.5V,
ID = -3.8A
—
11
—
VDS = -15V, VGS = -10V,
ID = -3.8A
Gate-Source Charge
Qgs
—
1.7
—
Gate-Drain Charge
Qgd
—
1.9
—
Turn-On Delay Time
td(on)
—
4.8
—
ns
VDS = -15V, VGS = -10V,
ID = -1A, RG = 6.0Ω
Rise Time
tr
—
5.0
—
Turn-Off Delay Time
td(off)
—
31
—
Fall Time
tf
—
15
—
Notes:
5. Device mounted on FR-4 PCB on 2 oz., 0.5 in.
2 copper pads and t ≤5 sec.
6. Pulse width
≤10µS, Duty Cycle ≤1%.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com