Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP3099L-13. Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP3099L-13.
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3099L-13. Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP3099L-13. Datasheet HTML 1Page - Diodes Incorporated DMP3099L-13. Datasheet HTML 2Page - Diodes Incorporated DMP3099L-13. Datasheet HTML 3Page - Diodes Incorporated DMP3099L-13. Datasheet HTML 4Page - Diodes Incorporated DMP3099L-13. Datasheet HTML 5Page - Diodes Incorporated DMP3099L-13. Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMP3099L
Document number: DS36081 Rev. 3 - 2
4 of 6
www.diodes.com
May 2013
© Diodes Incorporated
DMP3099L
T , AMBIENT TEMPERATURE ( C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
A
0
0.8
1.6
2.4
-50
-25
0
25
50
75
100
125
150
I= -1mA
D
I = -250µA
D
V , SOURCE-DRAIN VOLTAGE (V)
SD
Figure 8 Diode Forward Voltage vs. Current
0
4
8
12
16
20
0
0.3
0.6
0.9
1.2
1.5
T= 25°C
A
V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 9 Typical Junction Capacitance
10
100
1000
0
5
10
15
20
25
30
f = 1MHz
Ciss
Coss
Crss
Q(nC)
g, TOTAL GATE CHARGE
Figure 10 Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
2468
10
12
V
= 15V
I=
A
DS
D
3.8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com