Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP4025LSD-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMP4025LSD-13
Description  DMP4025LSS-13
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP4025LSD-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMP4025LSD-13 Datasheet HTML 1Page - Diodes Incorporated DMP4025LSD-13 Datasheet HTML 2Page - Diodes Incorporated DMP4025LSD-13 Datasheet HTML 3Page - Diodes Incorporated DMP4025LSD-13 Datasheet HTML 4Page - Diodes Incorporated DMP4025LSD-13 Datasheet HTML 5Page - Diodes Incorporated DMP4025LSD-13 Datasheet HTML 6Page - Diodes Incorporated DMP4025LSD-13 Datasheet HTML 7Page - Diodes Incorporated DMP4025LSD-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DMP4025LSD
Document Number: DS35937 Rev: 2 - 2
5 of 8
www.diodes.com
April 2013
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMP4025LSD
0
5
10
15
20
25
30
Fig. 3 Typical On-Resistance
vs. Drain Current and Gate Voltage
-I , DRAIN-SOURCE CURRENT (A)
D
0
0.01
0.02
0.03
0.04
0.05
V
= -4.5V
GS
V
= -10V
GS
0
5
10
15
20
25
30
-I , DRAIN CURRENT (A)
D
Fig. 4 Typical On-Resistance
vs. Drain Current and Temperature
0
0.01
0.02
0.03
0.04
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= -10V
GS
Fig. 5 On-Resistance Variation with Temperature
-50 -25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
0.5
0.7
0.9
1.1
1.3
1.5
1.7
V
= -10V
I = -20A
GS
D
V
= -4.5V
I = -10A
GS
D
Fig. 6 On-Resistance Variation with Temperature
-50 -25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
0
0.01
0.02
0.03
0.04
0.05
0.06
V
= -10V
I = -20A
GS
D
V
= -4.5V
I = -10A
GS
D
0
0.5
1.0
1.5
2.0
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
-50 -25
0
25
50
75
100 125 150
T , AMBIENT TEMPERATURE (°C)
A
I = -250µA
D
I = -1mA
D
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 8 Diode Forward Voltage vs. Current
-V , SOURCE-DRAIN VOLTAGE (V)
SD
0
2
4
6
8
10
12
14
16
18
20
T = 25°C
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com