Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP4025LSD-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP4025LSD-13
Description  DMP4025LSS-13
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP4025LSD-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP4025LSD-13 Datasheet HTML 1Page - Diodes Incorporated DMP4025LSD-13 Datasheet HTML 2Page - Diodes Incorporated DMP4025LSD-13 Datasheet HTML 3Page - Diodes Incorporated DMP4025LSD-13 Datasheet HTML 4Page - Diodes Incorporated DMP4025LSD-13 Datasheet HTML 5Page - Diodes Incorporated DMP4025LSD-13 Datasheet HTML 6Page - Diodes Incorporated DMP4025LSD-13 Datasheet HTML 7Page - Diodes Incorporated DMP4025LSD-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DMP4025LSD
Document Number: DS35937 Rev: 2 - 2
4 of 8
www.diodes.com
April 2013
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMP4025LSD
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
-40
V
ID = -250µA, VGS = 0V
Zero Gate Voltage Drain Current
IDSS
-1.0
µA
VDS = -40V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
-0.8
-1.3
-1.8
V
ID = -250 µA, VDS = VGS
Static Drain-Source On-Resistance (Note 12)
RDS (ON)
18
25
mΩ
VGS = -10V, ID = -3A
30
45
VGS = -4.5V, ID = -3A
Forward Transconductance (Notes 12 & 13)
gfs
16.6
S
VDS = -5V, ID = -3A
Diode Forward Voltage (Note 12)
VSD
-0.7
-1.0
V
IS = -1A, VGS = 0V
DYNAMIC CHARACTERISTICS (Note 13)
Input Capacitance
Ciss
1640
pF
VDS = -20V, VGS = 0V
f = 1MHz
Output Capacitance
Coss
179
Reverse Transfer Capacitance
Crss
128
Gate Resistance
Rg

6.43

Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (Note 14)
Qg

14.0

nC
VGS = -4.5V
VDS = -20V
ID = -3A
Total Gate Charge (Note 14)
Qg
33.7
VGS = -10V
Gate-Source Charge (Note 14)
Qgs
5.5
Gate-Drain Charge (Note 14)
Qgd
7.3
Turn-On Delay Time (Note 14)
tD(on)
6.9
ns
VDD = -20V, VGS = -10V
ID = -3A
Turn-On Rise Time (Note 14)
tr
14.7
Turn-Off Delay Time (Note 14)
tD(off)
53.7
Turn-Off Fall Time (Note 14)
tf
30.9
Notes:
12. Measured under pulsed conditions. Pulse width
 300µs; duty cycle  2%
13. For design aid only, not subject to production testing.
14. Switching characteristics are independent of operating junction temperatures.
Typical Characteristics
0
0.5
1
1.5
2
Fig. 1 Typical Output Characteristic
-V , DRAIN-SOURCE VOLTAGE (V)
DS
0
5
10
15
20
25
30
01
2
3
45
Fig. 2 Typical Transfer Characteristic
-V , GATE-SOURCE VOLTAGE (V)
GS
0
5
10
15
20
25
30
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= -5V
DS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com