Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC702 Datasheet(PDF) 1 Page - Analog Devices

Part # ADUC702
Description  Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC702 Datasheet(HTML) 1 Page - Analog Devices

  ADUC702 Datasheet HTML 1Page - Analog Devices ADUC702 Datasheet HTML 2Page - Analog Devices ADUC702 Datasheet HTML 3Page - Analog Devices ADUC702 Datasheet HTML 4Page - Analog Devices ADUC702 Datasheet HTML 5Page - Analog Devices ADUC702 Datasheet HTML 6Page - Analog Devices ADUC702 Datasheet HTML 7Page - Analog Devices ADUC702 Datasheet HTML 8Page - Analog Devices ADUC702 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
Precision Analog Microcontroller
12-bit Analog I/O, ARM7TDMI® MCU
Preliminary Technical Data
ADuC702x Series
FEATURES
Analog I/O
Multi-Channel, 12-bit, 1MSPS ADC
- Up to 16 ADC channels *
Fully differential and single-ended modes
0 to VREF Analog Input Range
12-bit Voltage Output DACs
- Up to 4 DAC outputs available*
On-Chip 20ppm/°C Voltage Reference
On-Chip Temperature Sensor (±3°C)
Uncommitted Voltage Comparator
Microcontroller
ARM7TDMI Core, 16/32-bit RISC architecture
JTAG Port supports code download and debug
Clocking options: - Trimmed On-Chip Oscillator (± 3%)
- External Watch crystal
- External clock source
45MHz PLL with Programmable Divider
Memory
62k Bytes Flash/EE Memory, 8k Bytes SRAM
In-Circuit Download, JTAG based Debug
Software triggered in-circuit re-programmability
On-Chip Peripherals
UART, 2 X I2C and SPI Serial I/O
Up to 40-Pin GPIO Port*
4 X General Purpose Timers
Wake-up and Watchdog Timers
Power Supply Monitor
Three-phase 16-bit PWM generator*
PLA – Programmable Logic (Array)
Power
Specified for 3V operation
Active Mode:
3mA (@1MHz)
50mA (@45MHz)
Packages and Temperature Range
From 40 lead 6x6mm LFCSP to 80 pin LQFP*
Fully specified for –40°C to 125°C operation
Tools
Low-Cost QuickStart Development System
Full Third-Party Support
* Package, PWM, GPIO availability and number of Analog I/O
depend on part model. See page 9.
APPLICATIONS
Industrial Control and Automation Systems
Smart Sensors, Precision Instrumentation
Base Station Systems, Optical Networking
(See general description on page 11)
FUNCTIONAL BLOCK DIAGRAM
1MSPS
12-BIT ADC
ADC0
+
-
CMP0
CMP1
CMP
OUT
V
REF
ADC11
ARM7TDMI-BASED MCU WITH
ADDITIONAL PERIPHERALS
RST
ADuC7026*
MUX
BANDGAP
REF
TEMP
SENSOR
2kX32 SRAM
31kX16 FLASH/EEPROM
GPIO
JTAG
4 GEN. PUR-
POSE TIMERS
SERIAL I/O
UART, SPI, I2C
PLA
POR
OSC
&PLL
PSM
PWM0L
PWM0H
PWM1H
PWM1L
PWM2H
PWM2L
Three-
phase
PWM
DAC0
12-BIT DAC
DAC3
12-BIT DAC
DAC2
12-BIT DAC
DAC1
12-BIT DAC
XCLKI
XCLKO
EXT. MEMORY
INTERFACE
Figure 1
Rev. PrB
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.


Similar Part No. - ADUC702

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7020 AD-ADUC7020 Datasheet
987Kb / 92P
Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
1/06-Rev. 0 to Rev. A
ADUC7020BCP62 AD-ADUC7020BCP62 Datasheet
841Kb / 78P
Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADuC7020BCPZ62 AD-ADuC7020BCPZ62 Datasheet
1Mb / 104P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADuC7020BCPZ62-RL7 AD-ADuC7020BCPZ62-RL7 Datasheet
1Mb / 104P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADuC7020BCPZ62I AD-ADuC7020BCPZ62I Datasheet
1Mb / 104P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results

Similar Description - ADUC702

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
1/06-Rev. 0 to Rev. A
ADUC702X AD-ADUC702X_1 Datasheet
841Kb / 78P
Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7021BCPZ62 AD-ADUC7021BCPZ62 Datasheet
1Mb / 104P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7028 AD-ADUC7028_15 Datasheet
1Mb / 104P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com