Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC702 Datasheet(PDF) 21 Page - Analog Devices

Part # ADUC702
Description  Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC702 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADUC702 Datasheet HTML 17Page - Analog Devices ADUC702 Datasheet HTML 18Page - Analog Devices ADUC702 Datasheet HTML 19Page - Analog Devices ADUC702 Datasheet HTML 20Page - Analog Devices ADUC702 Datasheet HTML 21Page - Analog Devices ADUC702 Datasheet HTML 22Page - Analog Devices ADUC702 Datasheet HTML 23Page - Analog Devices ADUC702 Datasheet HTML 24Page - Analog Devices ADUC702 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
Preliminary Technical Data
ADuC702x Series
Rev. PrB | Page 21 of 80
MEMORY ORGANISATION
The part incorporates two separate blocks of memory, 8kByte of
SRAM and 64kByte of On-Chip Flash/EE memory. 62kByte of
On-Chip Flash/EE memory are available to the user, and the
remaining 2kBytes are reserved for the factory configured boot
page. These two blocks are mapped as shown in
Figure 4
.
Note that by default, after a reset, the Flash/EE memory is
mirrored at address 0x00000000. It is possible to remap the
SRAM at address 0x00000000 by clearing bit 0 of the REMAP
MMR. This remap function is described in more details in the
Flash/EE memory chapter.
Re-mappable Memory Space
(Flash/EE or SRAM)
Reserved
00080000h
Flash/EE
Reserved
00011FFFh
00010000h
SRAM
FFFF0000h
FFFFFFFFh
MMRs
0000FFFFh
00000000h
0008FFFFh
Figure 4: Physical memory map
Memory Access
The ARM7 core sees memory as a linear array of 232 byte
location where the different blocks of memory are mapped as
outlined in
Figure 4
.
The ADuC702x memory organisation is configured in little
endian format: the least significant byte is located in the lowest
byte address and the most significant byte in the highest byte
address.
Figure 5: little endian format
Flash/EE Memory
The total 64kBytes of Flash/EE are organised as 32k X 16 bits.
31k X 16 bits are user space and 1k X 16 bits is reserved for the
on chip kernel. The page size of this Flash/EE memory is
512Bytes.
62kBytes of Flash/EE are available to the user as code and non-
volatile data memory. There is no distinction between data and
program as ARM code shares the same space. The real width of
the Flash/EE memory is 16 bits, which means that in ARM
mode (32-bit instruction), two accesses to the Flash/EE are
necessary
for
each
instruction
fetch.
It
is
therefore
recommended to use Thumb mode when executing from
Flash/EE memory for optimum access speed. The maximum
access speed for the Flash/EE memory is 45MHz in Thumb
mode and 22.5MHz in full ARM mode. More details on
Flash/EE access time are outlined later in ‘Execution from
SRAM and Flash/EE’ section of this datasheet.
SRAM
8kBytes of SRAM are available to the user, organized as 2k X 32
bits, i.e. 2kWords. ARM code can run directly from SRAM at
45MHz , given that the SRAM array is configured as a 32-bit
wide memory array. More details on SRAM access time are
outlined later in ‘Execution from SRAM and Flash/EE’ section
of this datasheet.
Memory Mapped Registers
The Memory Mapped Register (MMR) space is mapped into
the upper 2 pages of the memory array and accessed by indirect
addressing through the ARM7 banked registers.
The MMR space provides an interface between the CPU and all
on-chip peripherals. All registers except the core registers
reside in the MMR area. All shaded locations shown in Figure 6
are unoccupied or reserved locations and should not be
accessed by user software. Table 6 shows a full MMR memory
map.
32 bits
Byte0
Byte1
Byte2
Byte3
0x00000000h
0x00000004h
bit0
bit31
0
1
2
3
4
5
6
7
8
9
A
B
0xFFFFFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com