Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP147T Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TIP147T
Description  isc Silicon PNP Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP147T Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TIP147T Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP147T Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
1
isc website:www.iscsemi.cn
isc Silicon PNP Darlington Power Transistor
TIP147T
DESCRIPTION
·
High DC Current Gain-
: hFE = 1000(Min)@ IC= -5A
·
Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = -100V(Min)
·
Complement to Type TIP142T
APPLICATIONS
·
Designed for general purpose amplifier and low
frequency switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-100
V
VCEO
Collector-Emitter Voltage
-100
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-10
A
ICM
Collector Current-Peak
-15
A
IB
Base Current- Continuous
-0.5
A
PC
Collector Power Dissipation
@TC=25℃
80
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.56
℃
/W


Similar Part No. - TIP147T

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP147T MOSPEC-TIP147T Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,80W)
logo
STMicroelectronics
TIP147T STMICROELECTRONICS-TIP147T Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Fairchild Semiconductor
TIP147T FAIRCHILD-TIP147T Datasheet
52Kb / 4P
Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
TRANSYS Electronics Lim...
TIP147T TEL-TIP147T Datasheet
161Kb / 2P
SILICON PLANAR POWER DARLINGTON TRANSISTORS
logo
SemiHow Co.,Ltd.
TIP147T SEMIHOW-TIP147T Datasheet
536Kb / 5P
Monolithic Construction With Built In Base-Emitter Shunt Resistors
More results

Similar Description - TIP147T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB673 ISC-2SB673 Datasheet
106Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1340 ISC-2SB1340 Datasheet
100Kb / 2P
isc Silicon PNP Darlington Power Transistor
2N6666 ISC-2N6666 Datasheet
112Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB727 ISC-2SB727 Datasheet
259Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB884 ISC-2SB884 Datasheet
248Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1383 ISC-2SB1383 Datasheet
244Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1495 ISC-2SB1495 Datasheet
241Kb / 2P
isc Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com