Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM118FKB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM118FKB
Description  FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM118FKB Datasheet(HTML) 2 Page - Texas Instruments

  LM118FKB Datasheet HTML 1Page - Texas Instruments LM118FKB Datasheet HTML 2Page - Texas Instruments LM118FKB Datasheet HTML 3Page - Texas Instruments LM118FKB Datasheet HTML 4Page - Texas Instruments LM118FKB Datasheet HTML 5Page - Texas Instruments LM118FKB Datasheet HTML 6Page - Texas Instruments LM118FKB Datasheet HTML 7Page - Texas Instruments LM118FKB Datasheet HTML 8Page - Texas Instruments LM118FKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
The LM118 and LM218 are
obsolete and are no longer supplied.
LM118, LM218, LM318
FAST GENERALPURPOSE OPERATIONAL AMPLIFIERS
SLOS063B – JUNE 1976 – REVISED DECEMBER 2002
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
symbol
+
–
BAL/COMP1
COMP2
BAL/COMP3
IN+
IN–
OUT
1
8
5
3
2
Pin numbers shown are for the D, JG, P, and PS packages.
6
schematic
33
Ω
COMP2
2 k
Ω
2 k
Ω
20 k
Ω
20 k
Ω
20 k
Ω
5 k
Ω
5 k
Ω
5 k
Ω
150 k
Ω
1 k
Ω
1 k
Ω
3.5 k
Ω
13
Ω
25
Ω
30
Ω
50
Ω
4 k
Ω
500
Ω
1.2 k
Ω
1.2 k
Ω
110
Ω
5.6 k
Ω
30
Ω
1.7 k
Ω
6 pF
28 pF
100 pF
VCC+
OUT
VCC–
IN–
IN+
Component values shown are nominal.
BAL/COMP1
BAL/COMP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com