Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM118FKB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM118FKB
Description  FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM118FKB Datasheet(HTML) 4 Page - Texas Instruments

  LM118FKB Datasheet HTML 1Page - Texas Instruments LM118FKB Datasheet HTML 2Page - Texas Instruments LM118FKB Datasheet HTML 3Page - Texas Instruments LM118FKB Datasheet HTML 4Page - Texas Instruments LM118FKB Datasheet HTML 5Page - Texas Instruments LM118FKB Datasheet HTML 6Page - Texas Instruments LM118FKB Datasheet HTML 7Page - Texas Instruments LM118FKB Datasheet HTML 8Page - Texas Instruments LM118FKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
The LM118 and LM218 are
obsolete and are no longer supplied.
LM118, LM218, LM318
FAST GENERALPURPOSE OPERATIONAL AMPLIFIERS
SLOS063B – JUNE 1976 – REVISED DECEMBER 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature (see Note 5)
PARAMETER
TEST
T ‡
LM118, LM218
LM318
UNIT
PARAMETER
TEST
CONDITIONS†
TA‡
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
V
Inp t offset oltage
V0
25
°C
2
4
4
10
mV
VIO
Input offset voltage
VO = 0
Full range
6
15
mV
I
Inp t offset c rrent
V0
25
°C
6
50
30
200
nA
IIO
Input offset current
VO = 0
Full range
100
300
nA
I
Input bias current
V0
25
°C
120
250
150
500
nA
IIB
Input bias current
VO = 0
Full range
500
750
nA
VICR
Common-mode input voltage range
VCC
± = ±15 V
Full range
±11.5
±11.5
V
VOM
Maximum peak output voltage
swing
VCC
± = ±15 V,
RL = 2 kΩ
Full range
±12
±13
±12
±13
V
A
Large-signal differential
VCC
± = ±15 V,
VO ±10 V
25
°C
50
200
25
200
V/mV
AVD
Large signal differential
voltage amplification
VO = ±10 V,
RL ≥ 2 kΩ
Full range
25
20
V/mV
B1
Unity-gain bandwidth
VCC
± = ±15 V
25
°C
15
15
MHz
ri
Input resistance
25
°C
1
*
3
0.5
3
M
Ω
CMRR
Common-mode rejection ratio
VIC = VICRmin
Full range
80
100
70
100
dB
kSVR
Supply-voltage rejection ratio
(
∆VCC/∆VIO)
Full range
70
80
65
80
dB
ICC
Supply current
VO = 0, No load
25
°C
5
8
5
10
mA
* On products compliant to MIL-STD-883, Class B, this parameter is not production tested.
† All characteristics are measured under open-loop conditions with common-mode input voltage, unless otherwise specified.
‡ Full range for LM118 is –55
°C to 125°C, full range for LM218 is –25°C to 85°C, and full range for LM318 is 0°C to 70°C.
NOTE 9: Unless otherwise noted, VCC = ±5 V to ±20 V. All typical values are at VCC
± = ±15 V and TA = 25°C.
operating characteristics, VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
∆VI = 10 V,
CL = 100 pF,
See Figure 1
50
*
70
V/
µs
* On products compliant to MIL-STD-883, Class B, this parameter is not production tested.
PARAMETER MEASUREMENT INFORMATION
+
–
Input
Input
Output
Output
2 k
Ω
2 k
Ω
1 k
Ω
100 pF
TEST CIRCUIT
VOLTAGE WAVEFORMS
90%
10%
∆VO
10 V
0 V
tt
10 V
0 V
SR
+
DV
O
tt
Figure 1. Slew Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com