Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C256A Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS7C256A
Description  5V 32K X 8 CMOS SRAM (Common I/O)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C256A Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS7C256A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
®
AS7C256A
9/24/04; v.1.2
Alliance Semiconductor
P. 2 of 9
Functional description
The AS7C256A is a 5.0V high-performance CMOS 262,144-bit Static Random-Access Memory (SRAM) device organized
as 32,768 words × 8 bits. It is designed for memory applications requiring fast data access at low voltage, including
PentiumTM, PowerPCTM, and portable computing. Alliance’s advanced circuit design and process techniques permit 5.0V
operation without sacrificing performance or operating margins.
The device enters standby mode when CE is high. CMOS standby mode consumes
≤11 mW. Normal operation offers 75%
power reduction after initial access, resulting in significant power savings during CPU idle, suspend, and stretch mode.
Equal address access and cycle times (tAA, tRC, tWC) of 10/12/15/20 ns with output enable access times (tOE) of 5, 6, 7, 8 ns
are ideal for high-performance applications. The chip enable (CE) input permits easy memory expansion with multiple-bank
memory organizations.
A write cycle is accomplished by asserting chip enable (CE) and write enable (WE) LOW. Data on the input pins I/O0-I/O7
is written on the rising edge of WE (write cycle 1) or CE (write cycle 2). To avoid bus contention, external devices should
drive I/O pins only after outputs have been disabled with output enable (OE) or write enable (WE).
A read cycle is accomplished by asserting chip enable (CE) and output enable (OE) LOW, with write enable (WE) high. The
chip drives I/O pins with the data word referenced by the input address. When chip enable or output enable is high, or write
enable is low, output drivers stay in high-impedance mode.
All chip inputs and outputs are TTL-compatible. Operation is from a single 5.0 ±0.5V supply. The AS7C256A is packaged
in high volume industry standard packages.
Absolute maximum ratings
Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect reliability.
Truth table
Key: X = Don’t care, L = Low, H = High
Parameter
Symbol
Min
Max
Unit
Voltage on VCC relative to GND
Vt1
–0.5
+7.0
V
Voltage on any pin relative to GND
Vt2
–0.5
VCC + 0.5
V
Power dissipation
PD
–1.0
W
Storage temperature (plastic)
Tstg
–65
+150
oC
Ambient temperature with VCC applied
Tbias
–55
+125
oC
DC current into outputs (low)
IOUT
–20
mA
CE
WE
OE
Data
Mode
H
X
X
High Z
Standby (ISB, ISB1)
L
H
H
High Z
Output disable (ICC)
LHL
DOUT
Read (ICC)
LL
X
DIN
Write (ICC)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com