Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C256A Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C256A
Description  5V 32K X 8 CMOS SRAM (Common I/O)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C256A Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C256A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
®
AS7C256A
9/24/04; v.1.2
Alliance Semiconductor
P. 4 of 9
Read cycle (over the operating range)2,8
Key to switching waveforms
Read waveform 1 (address controlled)2,5,6,8
Read waveform 2 (CE controlled)2,5,7,8
Parameter
Symbol
-10
-12
-15
-20
Unit Notes
Min
Max
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
10
–12–15–
20
–
ns
Address access time
tAA
–
10
–
12
–
15
–
20
ns
2
Chip enable (CE) access time
tACE
–
10
–
12
–
15
–
20
ns
2
Output enable (OE) access time
tOE
–5–6–7–
8
ns
Output hold from address change
tOH
3–3–3–3
–
ns
4
CE LOW to output in low Z
tCLZ
3–3–3–3
–
ns
3,4
CE HIGH to output in high Z
tCHZ
–3–3–4–
5
ns
3,4
OE LOW to output in low Z
tOLZ
0–0–0–0
–
ns
3,4
OE HIGH to output in high Z
tOHZ
–3–3–4–
5
ns
3,4
Power up time
tPU
0–0–0–0
–
ns
3,4
Power down time
tPD
–
10
–
12
–
15
–
20
ns
3,4
Undefined output/don’t care
Falling input
Rising input
Address
Dout
Data valid
tOH
tAA
tRC
Supply
current
CE
OE
Dout
tRC1
tOE
tOLZ
tACE
tCHZ
tCLZ
tPU
tPD
ICC
ISB
50%
50%
tOHZ
Data valid



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com