Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1998 Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1998
Description  AC Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1998 Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1998 Datasheet HTML 1Page - IXYS Corporation CPC1998 Datasheet HTML 2Page - IXYS Corporation CPC1998 Datasheet HTML 3Page - IXYS Corporation CPC1998 Datasheet HTML 4Page - IXYS Corporation CPC1998 Datasheet HTML 5Page - IXYS Corporation CPC1998 Datasheet HTML 6Page - IXYS Corporation CPC1998 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
R05
www.ixysic.com
4
CPC1998
3
Performance Data @ 25°C (Unless Otherwise Noted)*
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not
indicated in the written specifications, please contact our application department.
LED Forward Voltage (V)
1.25
1.26
1.27
1.28
1.29
1.30
0
5
10
15
20
25
30
35
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
LED Forward Current (mA)
2.66
2.70
2.74
2.78
2.822.86
2.90
0
5
10
15
20
25
Typical I
F for Switch Operation
with 1A Resistive Load
(N=50, V
L=120VAC/60Hz)
Forward Voltage Drop (V)
0.856 0.859 0.862 0.865 0.868 0.871 0.874
0
5
10
15
20
25
Forward Voltage Drop Distribution
(N=50, I
F=5mA, IL=2A)
Zero-Cross Voltage (V)
6.2
6.4
6.6
6.8
7.0
7.2
7.4
0
5
10
15
20
Zero-Cross Voltage
(N=50, I
F=5mA)
Blocking Voltage (V
P)
874
876
878880
882
884
886
0
5
10
15
20
Typical Blocking Voltage Distribution
(N=50)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
2.5
3.0
3.5
4.0
4.5
LED Forward Current to Operate
vs. Temperature - Resistive Load
(I
L=1A, fL=60Hz)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
LED Forward Current to Operate
vs. Temperature - Inductive Load
(I
L=500mA, fL=60Hz, LL=400mH)
Load Frequency (Hz)
0
100
200
300
400
500
600
2.5
3.0
3.5
4.0
4.5
5.0
LED Current to Operate
vs. Load Frequency - Resistive Load
(V
P=71V, RL=10Ω, IL=7A)
Load Frequency (Hz)
0
100
200
300
400
500
600
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
LED Current to Operate
vs. Load Frequency - Inductive Load
(V
L=200V, ZL=400mH/220Ω)
Load Frequency (Hz)
0
100
200
300
400
500
600
5.10
5.12
5.14
5.16
5.18
5.20
LED Current to Operate
vs. Load Frequency- Inductive Load
(V
L=200V, ZL=196mH/110Ω)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com