Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1998 Datasheet(PDF) 5 Page - IXYS Corporation

Part # CPC1998
Description  AC Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1998 Datasheet(HTML) 5 Page - IXYS Corporation

  CPC1998 Datasheet HTML 1Page - IXYS Corporation CPC1998 Datasheet HTML 2Page - IXYS Corporation CPC1998 Datasheet HTML 3Page - IXYS Corporation CPC1998 Datasheet HTML 4Page - IXYS Corporation CPC1998 Datasheet HTML 5Page - IXYS Corporation CPC1998 Datasheet HTML 6Page - IXYS Corporation CPC1998 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
5
www.ixysic.com
R05
CPC1998
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not
indicated in the written specifications, please contact our application department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
6.0
6.2
6.4
6.6
6.8
7.0
7.2
7.4
Zero-Cross Voltage vs. Temperature
(I
F=5mA, RL=120Ω)
Voltage (V)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-15
-10
-5
0
5
10
15
Output Voltage vs. Output Current
(I
F=5mA)
T
A=-40ºC
T
A=25ºC
T
A=85ºC
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
V
ON vs. Temperature
I
L=3A
I
L=2A
I
L=1A
I
L=10A
I
L=5A
Temperature (ºC)
-40
-20
0
20
40
60
80
100
20
30
40
50
60
70
80
Holding Current vs. Temperature
(R
L=1.9Ω)
Temperature (ºC)
0
10203040
506070
80
90 100
0
5
10
15
20
25
30
Total Heat Sinking Required
vs. Temperature
I
L=5Arms
I
L=7.5Arms
I
L=10Arms
I
L=15Arms
I
L=20Arms
Temperature (ºC)
-40
-20
0
20
40
60
80
100
800
850
900
950
1000
Breakdown Voltage vs. Temperature
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.001
0.01
0.1
1
10
100
Leakage Current vs. Temperature
Measured Across Pins 1&2
V
L=800V
V
L=600V
V
L=400V
Time
100
μs
1ms
10ms
100ms
1s
10s
Maximum Surge Current
Non-Repetitive, Free Air
1
10
100
1000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com