Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC3902 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC3902
Description  Depletion-Mode FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC3902 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC3902 Datasheet HTML 1Page - IXYS Corporation CPC3902 Datasheet HTML 2Page - IXYS Corporation CPC3902 Datasheet HTML 3Page - IXYS Corporation CPC3902 Datasheet HTML 4Page - IXYS Corporation CPC3902 Datasheet HTML 5Page - IXYS Corporation CPC3902 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC3902
www.ixysic.com
3
R03
PERFORMANCE DATA @ 25ºC (Unless Otherwise Noted)*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
V
GS (V)
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Instantaneous Transfer Characteristics
(V
DS=10V)
T
A= 105ºC
T
A= 25ºC
T
A= -40ºC
Temperature (ºC)
-50
-25
0
25
50
75
100
125
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
Threshold Voltage
(I
DS=1 A)
I
D (mA)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Transconductance vs. Drain Current
(V
DS=10V)
T
A=-40ºC
T
A=25ºC
T
A=105ºC
Voltage (V)
0.1
1
10
100
1000
0.001
0.01
0.1
1
Forward Safe Operating Bias
(V
GS=0V, DC Load)
Limited by
channel saturation
Limited by
device R
ON
V
DS (V)
01
234
56
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Output Characteristics
V
GS=0V
V
GS=-0.5V
V
GS=-1V
V
GS=-1.5V
V
GS=-2V
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
On-Resistance vs. Temperature
(V
GS=0V, ID=300mA)
V
DS (V)
0
5
10
15
20
25
30
35
0
50
100
150
200
250
300
350
400
Capacitance vs. Drain-Source Voltage
(V
GS=-3.5V)
CISS
COSS
CRSS
I
D (mA)
0.0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
5
On-Resistance vs. Drain Current
(V
GS=0V)
T
A=105ºC
T
A=25ºC
T
A=-40ºC
Temperature (ºC)
-50
-25
0
25
50
75
100
125
280
290
300
310
320
330
Blocking Voltage
(V
GS=-5V, IL=10 A)
Temperature (ºC)
-50
-25
0
25
50
75
100
125
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
Leakage Current vs. Temperature
(V
GS=-5V, VDS=250V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com