Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC3902 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC3902
Description  Depletion-Mode FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC3902 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC3902 Datasheet HTML 1Page - IXYS Corporation CPC3902 Datasheet HTML 2Page - IXYS Corporation CPC3902 Datasheet HTML 3Page - IXYS Corporation CPC3902 Datasheet HTML 4Page - IXYS Corporation CPC3902 Datasheet HTML 5Page - IXYS Corporation CPC3902 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC3902-R03
1
CPC3902
250V N-Channel
Depletion-Mode FET
Part #
Description
CPC3902ZTR
SOT-223: Tape and Reel (1000/Reel)
CPC3902CTR
SOT-89: Tape and Reel (1000/Reel)
BV
DSX/
BV
DGX
R
DS(on)
(max)
I
DSS (min)
Package
250V
2.5
400mA
SOT-89, SOT-223
Applications
Features
Description
Ordering Information
Circuit Symbol
• Current Regulator
• Normally-On Switches
• Solid State Relays
• Converters
• Telecommunications
• Power Supply
• High Breakdown Voltage: 250V
• On-Resistance: 2.5
 max. at 25ºC
• Low V
GS(off) Voltage: -1.4 to -3.1V
• High Input Impedance
• Small Package Sizes: SOT-89, SOT-223
D
S
G
Package Pinout
D
G
D
S
4
123
The CPC3902 is a 250V, N-channel, depletion-mode,
metal oxide semiconductor field effect transistor
(MOSFET) built upon a proprietary third generation
vertical DMOS process that realizes world-class,
high voltage performance in an economical silicon
gate process. This vertical DMOS process yields a
robust device with high input impedance for power
applications.
As with all MOS devices, the FET structure prevents
thermal runaway and thermal-induced secondary
breakdown, which makes the CPC3902 ideal for use
in high-power applications.
The CPC3902 is a highly reliable FET device that
has been used extensively in IXYS Integrated Circuits
Division’s Solid State Relays for industrial and
telecommunications applications.
The CPC3902 is available in the SOT-89 and the
SOT-223 package.


Similar Part No. - CPC3902

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC3909 IXYS-CPC3909 Datasheet
146Kb / 7P
Depletion-Mode FET
CPC3909C IXYS-CPC3909C Datasheet
146Kb / 7P
Depletion-Mode FET
CPC3909CTR IXYS-CPC3909CTR Datasheet
146Kb / 7P
Depletion-Mode FET
CPC3909Z IXYS-CPC3909Z Datasheet
146Kb / 7P
Depletion-Mode FET
CPC3909ZTR IXYS-CPC3909ZTR Datasheet
146Kb / 7P
Depletion-Mode FET
More results

Similar Description - CPC3902

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5602C CLARE-CPC5602C Datasheet
76Kb / 4P
N Channel Depletion Mode FET
CPC5603 CLARE-CPC5603 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
logo
IXYS Corporation
CPC3703 IXYS-CPC3703 Datasheet
118Kb / 5P
Depletion-Mode FET
CPC3708 IXYS-CPC3708 Datasheet
131Kb / 6P
Depletion Mode FET
CPC3710 IXYS-CPC3710 Datasheet
119Kb / 5P
Depletion-Mode FET
CPC3714 IXYS-CPC3714 Datasheet
119Kb / 5P
Depletion-Mode FET
CPC3720 IXYS-CPC3720 Datasheet
125Kb / 5P
Depletion-Mode FET
CPC3730 IXYS-CPC3730 Datasheet
124Kb / 5P
Depletion-Mode FET
CPC3909 IXYS-CPC3909 Datasheet
146Kb / 7P
Depletion-Mode FET
CPC3960 IXYS-CPC3960 Datasheet
121Kb / 5P
Depletion-Mode FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com