Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC3980 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC3980
Description  N-Channel Depletion-Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC3980 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC3980 Datasheet HTML 1Page - IXYS Corporation CPC3980 Datasheet HTML 2Page - IXYS Corporation CPC3980 Datasheet HTML 3Page - IXYS Corporation CPC3980 Datasheet HTML 4Page - IXYS Corporation CPC3980 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
CPC3980
www.ixysic.com
3
R02
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
Temperature (ºC)
-50
-25
0
25
50
75
100
125
-2.1
-2.0
-1.9
-1.8
-1.7
-1.6
Threshold Voltage vs. Temperature
(I
D=1 A, VDS=10V)
Temperature (ºC)
-50
-25
0
25
50
75
100
125
20
30
40
50
60
70
On-Resistance vs. Temperature
(I
D=100mA, VGS=5V)
Temperature (ºC)
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
Power Dissipation
vs. Ambient Temperature
Voltage (V)
0.1
1
10
100
1000
0.001
0.01
0.1
1
Forward Safe Operating Bias
(V
GS=0, DC Load)
Limited by device channel saturation
Limited by device R
DS(on)
V
DS (V)
02
4
6
8
10
0
20
40
60
80
100
Output Characteristics
V
GS= -1
V
GS= -1.2
V
GS= -1.4
V
GS= -1.6
I
D (mA)
0
20
40
60
80
100
20
25
30
35
40
On-Resistance vs. Drain Current
(V
GS=0V)
V
GS (V)
-2.5
-2.0
-1.5
-1.0
-0.5
0
20
40
60
80
100
120
Input Admittance
(V
DS=10V)
85ºC
55ºC
25ºC
-40ºC
I
D (mA)
0
20
40
60
80
100
0
50
100
150
200
250
300
Transconductance vs. Drain Current
(V
DS=10V)
-40ºC
25ºC
55ºC
85ºC
V
DS (V)
Capacitance vs. Drain-Source Voltage
(V
GS=3.5V)
0
5
10
15
20
25
30
1
10
100
1000
C
ISS
C
RSS
C
OSS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com