Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC3980 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC3980
Description  N-Channel Depletion-Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC3980 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC3980 Datasheet HTML 1Page - IXYS Corporation CPC3980 Datasheet HTML 2Page - IXYS Corporation CPC3980 Datasheet HTML 3Page - IXYS Corporation CPC3980 Datasheet HTML 4Page - IXYS Corporation CPC3980 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC3980-R02
1
CPC3980
N-Channel Depletion-Mode
Vertical DMOS FET
BV
DSX/
BV
DGX
R
DS(on)
(max)
I
DSS (min)
Package
800V
45
100mA
SOT-223
Applications
Features
Description
Ordering Information
Circuit Symbol
• Normally-On Switches
• Solid State Relays
• Converters
• Telecommunications
• Power Supply
• Current Regulators
• High Breakdown Voltage: 800V
• Low On-Resistance: 45
 max. at 25ºC
• Low V
GS(off) Voltage: -1.4 to -3.1V
• High Input Impedance
• Small Package Size: SOT-223
Package Pinout
D
G
D
S
4
123
D
S
G
Part #
Description
CPC3980ZTR
SOT-223: Tape and Reel (1000/Reel)
The CPC3980 is an 800V, N-channel,
depletion-mode, Field Effect Transistor (FET) created
using IXYS Integrated Circuits Division’s proprietary
vertical DMOS process. Yielding a robust device with
high input impedance, this process enables world
class, high voltage MOSFET performance with an
economical silicon gate architecture.
As with all MOS devices, the FET structure prevents
thermal runaway and thermal-induced secondary
breakdown, which makes the CPC3980 ideal for use
in high-power applications.
The CPC3980 is a highly reliable FET device that
has been used extensively in IXYS Integrated Circuits
Division’s Solid State Relays for industrial and
telecommunications applications.
The CPC3980 is available in the SOT-223 package.


Similar Part No. - CPC3980

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC3982 IXYS-CPC3982 Datasheet
122Kb / 5P
N-Channel Depletion-Mode
CPC3982T IXYS-CPC3982T Datasheet
122Kb / 5P
N-Channel Depletion-Mode
CPC3982TTR IXYS-CPC3982TTR Datasheet
122Kb / 5P
N-Channel Depletion-Mode
More results

Similar Description - CPC3980

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LND150 SUTEX-LND150 Datasheet
88Kb / 4P
N-Channel Depletion-Mode MOSFET
LND250 SUTEX-LND250 Datasheet
69Kb / 2P
N-Channel Depletion-Mode MOSFET
logo
Clare, Inc.
CPC5602C CLARE-CPC5602C Datasheet
76Kb / 4P
N Channel Depletion Mode FET
CPC5602 CLARE-CPC5602 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC5603 CLARE-CPC5603 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC5602 CLARE-CPC5602_12 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
logo
IXYS Corporation
IXTH10N100D IXYS-IXTH10N100D Datasheet
129Kb / 5P
N-Channel, Depletion Mode
CPC3982 IXYS-CPC3982 Datasheet
122Kb / 5P
N-Channel Depletion-Mode
CPC5602 IXYS-CPC5602 Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
logo
Supertex, Inc
DN3525 SUTEX-DN3525_13 Datasheet
651Kb / 5P
N-Channel Depletion-Mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com