Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC3982 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC3982
Description  N-Channel Depletion-Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC3982 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC3982 Datasheet HTML 1Page - IXYS Corporation CPC3982 Datasheet HTML 2Page - IXYS Corporation CPC3982 Datasheet HTML 3Page - IXYS Corporation CPC3982 Datasheet HTML 4Page - IXYS Corporation CPC3982 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
CPC3982
PRELIMINARY
3
R00D
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
V
GS (V)
-2.5
-2.0
-1.5
-1.0
-0.5
0
5
10
15
20
25
Input Admittance
(V
DS=10V)
I
D (mA)
0
5
10
15
20
0
10
20
30
40
50
60
Transconductance vs. Drain Current
(V
DS=10V)
V
DS (V)
02
4
6
8
10
12
0
5
10
15
20
25
30
Output Characteristics
V
GS= 0V
V
GS= -1V
V
GS= -1.2V
V
GS= -1.4V
V
GS= -1.6V
I
D (mA)
0
5
10
15
20
25
30
240
260
280
300
320
340
360
On-Resistance vs. Drain Current
(V
GS=0V)
V
DS (V)
0
5
10
15
20
25
30
1
10
100
Capacitance vs. Drain-Source Voltage
(V
GS= -3.5V)
C
RSS
C
ISS
C
OSS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com