Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC3982 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC3982
Description  N-Channel Depletion-Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC3982 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC3982 Datasheet HTML 1Page - IXYS Corporation CPC3982 Datasheet HTML 2Page - IXYS Corporation CPC3982 Datasheet HTML 3Page - IXYS Corporation CPC3982 Datasheet HTML 4Page - IXYS Corporation CPC3982 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
PRELIMINARY
DS-CPC3982-R00D
1
CPC3982
N-Channel Depletion-Mode
Vertical DMOS FET
V
(BR)DSX /
V
(BR)DGX
R
DS(on)
(max)
I
DSS (min)
Package
800V
380
20mA
SOT-23
Applications
Features
Description
Ordering Information
Circuit Symbol
• Constant Current Regulator
• Ignition Modules
• Normally-On Switches
• Solid State Relays
• Converters
• Telecommunications
• Power Supply
• High Breakdown Voltage: 800V
• Low V
GS(off) Voltage: -1.4V to -3.1V
• Depletion Mode Device Offers Low R
DS(on)
at Cold Temperatures
• High Input Impedance
• Small Package Size: SOT-23
The CPC3982 is an N-channel, depletion mode, field
effect transistor (FET) that utilizes IXYS Integrated
Circuits Division’s proprietary third-generation vertical
DMOS process. The third-generation process realizes
world class, high voltage MOSFET performance
in an economical silicon gate process. Our vertical
DMOS process yields a robust device, with high
input impedance, for use in high-power applications.
The CPC3982 is a highly reliable device that has
been used extensively in our Solid State Relays for
industrial and telecommunications applications.
This device excels in power applications that require
low drain-source resistance, particularly in cold
environments such as automotive ignition modules.
The CPC3982 has a minimum breakdown voltage of
800V, and is available in an SOT-23 package. As with
all MOS devices, the FET structure prevents thermal
runaway and thermal-induced secondary breakdown.
Package Pinout
S
G
D
Part #
Description
CPC3982TTR
N-Channel Depletion Mode FET, SOT-23 Pkg.
Tape and Reel (3000/Reel)
(SOT-23)
1
2
3
S
G
D


Similar Part No. - CPC3982

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC3980 IXYS-CPC3980 Datasheet
118Kb / 5P
N-Channel Depletion-Mode
CPC3980Z IXYS-CPC3980Z Datasheet
118Kb / 5P
N-Channel Depletion-Mode
CPC3980ZTR IXYS-CPC3980ZTR Datasheet
118Kb / 5P
N-Channel Depletion-Mode
More results

Similar Description - CPC3982

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LND150 SUTEX-LND150 Datasheet
88Kb / 4P
N-Channel Depletion-Mode MOSFET
LND250 SUTEX-LND250 Datasheet
69Kb / 2P
N-Channel Depletion-Mode MOSFET
logo
Clare, Inc.
CPC5602C CLARE-CPC5602C Datasheet
76Kb / 4P
N Channel Depletion Mode FET
CPC5602 CLARE-CPC5602 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC5603 CLARE-CPC5603 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC5602 CLARE-CPC5602_12 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
logo
IXYS Corporation
IXTH10N100D IXYS-IXTH10N100D Datasheet
129Kb / 5P
N-Channel, Depletion Mode
CPC3980 IXYS-CPC3980 Datasheet
118Kb / 5P
N-Channel Depletion-Mode
CPC5602 IXYS-CPC5602 Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
logo
Supertex, Inc
DN3525 SUTEX-DN3525_13 Datasheet
651Kb / 5P
N-Channel Depletion-Mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com