Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5601 Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC5601
Description  Auxiliary Programmable Driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5601 Datasheet(HTML) 4 Page - IXYS Corporation

  CPC5601 Datasheet HTML 1Page - IXYS Corporation CPC5601 Datasheet HTML 2Page - IXYS Corporation CPC5601 Datasheet HTML 3Page - IXYS Corporation CPC5601 Datasheet HTML 4Page - IXYS Corporation CPC5601 Datasheet HTML 5Page - IXYS Corporation CPC5601 Datasheet HTML 6Page - IXYS Corporation CPC5601 Datasheet HTML 7Page - IXYS Corporation CPC5601 Datasheet HTML 8Page - IXYS Corporation CPC5601 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5601
4
www.ixysic.com
R04
1.3 Timing Characteristics
1.4 Pinout
Figure 2. CPC5601 Pinout
Parameter
Minimum
Typical
Maximum
Unit
Conditions
Setup time
50
-
-
S
logic low before positive timing transi-
tion on input (pin 3)
Data hold time
60
-
-
S
hold time after internal 140
S
clock period
Data latch time
-
-
140
S
from positive transition on input
Input hold time for output on
200
-
-
S
Input hold time for output off
-
-
50
S
Pin
Name
Function
1RING
Opto-isolated ring output
2
GND
Analog host system ground
3
INPUT
Serial data input used to program outputs b1
through b6.
4
NC
No connection
5
NC
No connection
6
NC
No connection
7
BR-
Phone line side common
8
B6
Output b6
9
B5
Output b5
10 B4
Output b4
11 B3
Output b3
12 B2
Output b2
13 B1
Output b1
14 VDDLINE
Telephone line side voltage source
15 LED+
Ring LED anode
16 LED-
Ring LED cathode
1
2
3
6
7
8
9
10
11
12
13
14
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com