Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5601 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC5601
Description  Auxiliary Programmable Driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5601 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC5601 Datasheet HTML 1Page - IXYS Corporation CPC5601 Datasheet HTML 2Page - IXYS Corporation CPC5601 Datasheet HTML 3Page - IXYS Corporation CPC5601 Datasheet HTML 4Page - IXYS Corporation CPC5601 Datasheet HTML 5Page - IXYS Corporation CPC5601 Datasheet HTML 6Page - IXYS Corporation CPC5601 Datasheet HTML 7Page - IXYS Corporation CPC5601 Datasheet HTML 8Page - IXYS Corporation CPC5601 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC5601-R04
www.ixysic.com
1
e3
Pb
Features
• Meets PC Card (PCMCIA) height requirements
• Zero standby current
• PCB real estate and cost savings
• Can be used with LITELINK II and LITELINK III parts
Compliance
• TIA/EIA/IS-968 (FCC part 68)
• UL1950
• UL60950
• EN/IEC 60950-1 compliant
• EN55022B
• CISPR22B
• EN55024
• TBR-21
Ordering Information
Figure 1. CPC5601 Block Diagram
Description
The CPC5601 is a serially-programmed driver IC for
use with IXYS Integrated Circuits Division’s LITELINK
Silicon Data Access Arrangement (DAA) ICs. The
CPC5601 allows host-equipment control of DAA char-
acteristics for worldwide DAA implementations, avoid-
ing multiple implementations with discrete component
changes or “stuff” options. The small, low-profile pack-
age makes the CPC5601 ideal for 56K PC Card
(PCMCIA) modems, PC motherboards, and soft-
modems.
The CPC5601 uses opto-electronics to maintain the
isolation barrier required in the data access arrange-
ment for connection of host devices to the public
switched telephone network (PSTN).
The one-bit serial input of the CPC5601 recovers
clocking information from the input signal to set bits in
the shift register. The shift register outputs connect to
open-drain FET latches that are used to switch in dif-
ferent external components to set V/I slope, DC termi-
nation current limit, gain, and AC termination value in
LITELINK DAA implementations.The CPC5601 does
not need a clock signal for shift register operation, but
relies on internal timing instead.
The CPC5601 also includes an opto-coupler for ring
detection applications where the AC coupled ring
detector of the LITELINK DAA is not used.
Part Number
Description
CPC5601D
16-pin, 14-lead SOIC, 0.300” wide package,
50/Tube
CPC5601DTR
16-pin, 14-lead SOIC, 0.300” wide package,
1000/Reel
RING
GND
INPUT
NC
7
8
11
14
9
12
15
10
13
16
1
2
3
6
-BR
B6
B3
V
DDLINE
B5
B2
LED+
B4
B1
LED-
Shift
Register
Drivers
CPC5601 LITELINK™ Family
Auxiliary Programmable Driver IC


Similar Part No. - CPC5601

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5601 CLARE-CPC5601 Datasheet
355Kb / 14P
Auxiliary Programmable Driver IC
CPC5601D CLARE-CPC5601D Datasheet
355Kb / 14P
Auxiliary Programmable Driver IC
More results

Similar Description - CPC5601

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2240 PTC-PT2240 Datasheet
47Kb / 4P
Programmable Encoder IC
PT2241 PTC-PT2241 Datasheet
48Kb / 3P
Programmable Encoder IC?
logo
Supertex, Inc
HV9925 SUTEX-HV9925 Datasheet
1Mb / 10P
Programmable-Current LED Lamp Driver IC with PWM Dimming
logo
Clare, Inc.
CPC5601 CLARE-CPC5601 Datasheet
355Kb / 14P
Auxiliary Programmable Driver IC
logo
Princeton Technology Co...
PT2240 PTC-PT2240_06 Datasheet
301Kb / 15P
Programmable Encoder IC
PT2241 PTC-PT2241_06 Datasheet
357Kb / 22P
Programmable Encoder IC
logo
IC-Haus GmbH
IC-MQ ICHAUS-IC-MQ Datasheet
832Kb / 39P
PROGRAMMABLE 9-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQF ICHAUS-IC-MQF Datasheet
754Kb / 37P
PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
logo
Supertex, Inc
HV9925-08 SUTEX-HV9925-08 Datasheet
1Mb / 10P
Programmable-Current LED Lamp Driver IC with PWM Dimming
logo
IC-Haus GmbH
IC-PI ICHAUS-IC-PI Datasheet
1Mb / 49P
PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com