Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5602 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC5602
Description  N-Channel Depletion Mode FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5602 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC5602 Datasheet HTML 1Page - IXYS Corporation CPC5602 Datasheet HTML 2Page - IXYS Corporation CPC5602 Datasheet HTML 3Page - IXYS Corporation CPC5602 Datasheet HTML 4Page - IXYS Corporation CPC5602 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC5602-R10
1
CPC5602
N-Channel Depletion Mode FET
Applications
Features
Description
Ordering Information
Package Pinout
• Support Component for LITELINK™
Data Access Arrangement (DAA)
• Telecommunications
• Normally On Switches
• Ignition Modules
• Converters
• Security
• Power Supplies
• 350V Drain-to-Source Voltage
• Depletion Mode Device Offers Low R
DS(on)
at Cold Temperatures
• Low On-resistance: 8
 (Typical) @ 25°C
• Low V
GS(off) Voltage: -2.0V to -3.6V
• High Input Impedance
• Low Input and Output Leakage
• Small Package Size SOT-223
• PC Card (PCMCIA) Compatible
• PCB Space and Cost Savings
The CPC5602 is an N-channel depletion mode Field
Effect Transistor (FET) that utilizes IXYS Integrated
Circuits Division’s proprietary third generation vertical
DMOS process. The third generation process realizes
world class, high voltage MOSFET performance
in an economical silicon gate process. The vertical
DMOS process yields a highly reliable device,
particularly in difficult application environments such
as telecommunications, security, and power supplies.
One of the primary applications for the CPC5602 is
as a linear regulator/hook switch for the LITELINK
family of Data Access Arrangements (DAA) Devices
CPC5620A, CPC5621A, and CPC5622A.
The CPC5602 has a typical on-resistance of 8
, a
drain-to-source voltage of 350V, and is available in an
SOT-223 package. As with all MOS devices, the FET
structure prevents thermal runaway and
thermal-induced secondary breakdown.
Pin Number
Name
1GATE
2
DRAIN
3
SOURCE
4
DRAIN
Parameter
Rating
Units
Drain-to-Source Voltage - V
DS
350
V
Max On-Resistance - R
DS(on)
14
Max Power
2.5
W
D
G
D
S
4
1
23
Part #
Description
CPC5602CTR
N-Channel Depletion Mode FET, SOT-223 Pkg.
Tape and Reel (1000/Reel)


Similar Part No. - CPC5602

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5602 CLARE-CPC5602 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC5602 CLARE-CPC5602 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
CPC5602C CLARE-CPC5602C Datasheet
76Kb / 4P
N Channel Depletion Mode FET
CPC5602C CLARE-CPC5602C Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC5602C CLARE-CPC5602C Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
More results

Similar Description - CPC5602

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5602C CLARE-CPC5602C Datasheet
76Kb / 4P
N Channel Depletion Mode FET
CPC5603C CLARE-CPC5603C Datasheet
248Kb / 3P
N Channel Depletion Mode FET
CPC5602 CLARE-CPC5602 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC5603 CLARE-CPC5603 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC3710 CLARE-CPC3710 Datasheet
112Kb / 5P
N-Channel Depletion-Mode FET
CPC3714 CLARE-CPC3714 Datasheet
130Kb / 5P
N-Channel Depletion-Mode FET
CPC3720 CLARE-CPC3720 Datasheet
111Kb / 5P
N-Channel Depletion-Mode FET
CPC5602 CLARE-CPC5602_12 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
CPC5603 CLARE-CPC5603_12 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
logo
IXYS Corporation
CPC5603 IXYS-CPC5603 Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com