Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5603 Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC5603
Description  N-Channel Depletion Mode FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5603 Datasheet(HTML) 2 Page - IXYS Corporation

  CPC5603 Datasheet HTML 1Page - IXYS Corporation CPC5603 Datasheet HTML 2Page - IXYS Corporation CPC5603 Datasheet HTML 3Page - IXYS Corporation CPC5603 Datasheet HTML 4Page - IXYS Corporation CPC5603 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R08
CPC5603
Electrical Characteristics @25oC (Unless Otherwise Specified)
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to the
device. Functional operation of the device at conditions beyond
those indicated in the operational sections of this data sheet is
not implied.
Absolute Maximum Ratings @ 25°C
Thermal Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Gate-to-Source Off Voltage
V
GS(off)
I
D= 2µA, VDS=10V, VDS=100V
-2
-3.6
V
Drain-to-Source Leakage Current
I
DS(off)
V
GS= -5V, VDS=250V
-
-
20
nA
V
GS= -5V, VDS=415V
-
-
1
A
Drain Current
I
D
V
GS= -2.7V, VDS=5V, VDS=50V
-
-
5
mA
V
GS= -0.57V, VDS=5V
130
-
-
mA
On Resistance
R
DS(on)
V
GS= -0.35V, IDS=50mA
-
8
14
Gate Leakage Current
I
GSS
V
GS=10V, VGS=-10V
-
-
0.1
A
Gate Capacitance
C
ISS
V
DS= VGS=0V
-
-
300
pF
Parameter
Symbol
Ratings
Units
Drain-to-Source Voltage
V
DS
415
V
Gate-to-Source Voltage
V
GS
±20
V
Total Package Dissipation
P
2.5
W
Operational Temperature
T
A
-40 to +85
oC
Storage Temperature
T
A
-40 to +125
oC
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Thermal Resistance
RJC
--
-
14
ºC/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com