Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5603 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC5603
Description  N-Channel Depletion Mode FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5603 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC5603 Datasheet HTML 1Page - IXYS Corporation CPC5603 Datasheet HTML 2Page - IXYS Corporation CPC5603 Datasheet HTML 3Page - IXYS Corporation CPC5603 Datasheet HTML 4Page - IXYS Corporation CPC5603 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC5603-R08
1
CPC5603
N-Channel Depletion Mode FET
Applications
Features
Description
Ordering Information
Package Pinout
Pin Number
Name
1GATE
2
DRAIN
3
SOURCE
4
DRAIN
• Support Component for LITELINK™
Data Access Arrangement (DAA)
• Telecom
• Normally-On Switches
• Ignition Modules
• Converters
• Security
• Power Supplies
• 415V Drain-to-Source Voltage
• Depletion Mode Device Offers Low R
DS(on)
at Cold Temperatures
• Low On-Resistance: 8
 (Typical) @ 25°C
• Low V
GS(off) Voltage: -2.0V to -3.6V
• High Input Impedance
• Low Input and Output Leakage
• Small Package Size SOT-223
• PC Card (PCMCIA) Compatible
• PCB Space and Cost Savings
The CPC5603 is an N-channel, depletion mode Field
Effect Transistor (FET) that utilizes IXYS Integrated
Circuits Division’s proprietary third-generation vertical
DMOS process. The third generation process realizes
world class, high voltage MOSFET performance in an
economical silicon gate process. The vertical DMOS
process yields a highly reliable device particularly
in difficult application environments such as
telecommunications, security, and power supplies.
One of the primary applications for the CPC5603 is
as a linear regulator/hook switch for the LITELINK™
family of Data Access Arrangements (DAA) Devices
CPC5620A, CPC5621A, and CPC5622A.
The CPC5603 has a typical on-resistance of 8
, a
drain-to-source voltage of 415V and is available in
the SOT-223 package. As with all MOS devices, the
FET structure prevents thermal runaway and
thermal-induced secondary breakdown.
Parameter
Rating
Units
Drain-to-Source Voltage - V
DS
415
V
Max On-Resistance - R
DS(on)
14
Max Power
2.5
W
D
G
D
S
4
1
2
3
Part #
Description
CPC5603CTR
N-Channel Depletion Mode FET, SOT-223 Pkg.
Tape and Reel (1000/Reel)


Similar Part No. - CPC5603

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5603 CLARE-CPC5603 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC5603 CLARE-CPC5603 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
CPC5603C CLARE-CPC5603C Datasheet
248Kb / 3P
N Channel Depletion Mode FET
CPC5603C CLARE-CPC5603C Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC5603C CLARE-CPC5603C Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
More results

Similar Description - CPC5603

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5602C CLARE-CPC5602C Datasheet
76Kb / 4P
N Channel Depletion Mode FET
CPC5603C CLARE-CPC5603C Datasheet
248Kb / 3P
N Channel Depletion Mode FET
CPC5602 CLARE-CPC5602 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC5603 CLARE-CPC5603 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC3710 CLARE-CPC3710 Datasheet
112Kb / 5P
N-Channel Depletion-Mode FET
CPC3714 CLARE-CPC3714 Datasheet
130Kb / 5P
N-Channel Depletion-Mode FET
CPC3720 CLARE-CPC3720 Datasheet
111Kb / 5P
N-Channel Depletion-Mode FET
CPC5602 CLARE-CPC5602_12 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
CPC5603 CLARE-CPC5603_12 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
logo
IXYS Corporation
CPC5602 IXYS-CPC5602 Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com