Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC75282KA Datasheet(PDF) 19 Page - IXYS Corporation

Part # CPC75282KA
Description  Line Card Access Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC75282KA Datasheet(HTML) 19 Page - IXYS Corporation

Back Button CPC75282KA Datasheet HTML 11Page - IXYS Corporation CPC75282KA Datasheet HTML 12Page - IXYS Corporation CPC75282KA Datasheet HTML 13Page - IXYS Corporation CPC75282KA Datasheet HTML 14Page - IXYS Corporation CPC75282KA Datasheet HTML 15Page - IXYS Corporation CPC75282KA Datasheet HTML 16Page - IXYS Corporation CPC75282KA Datasheet HTML 17Page - IXYS Corporation CPC75282KA Datasheet HTML 18Page - IXYS Corporation CPC75282KA Datasheet HTML 19Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
CPC75282
R00E
PRELIMINARY
19
4.5 Mechanical Dimensions
4.5.1 CPC75282KA Package
4.5.2 CPC75282KATR Tape & Reel
44-Pin TQFP Package
Recommended PCB Land Pattern
Dimensions
mm
(inches)
1.20 Max
(0.047 Max)
1.00 ± 0.05
(0.039 ± 0.002)
0.05 Min - 0.15 Max
(0.002 Min - 0.006 Max)
0.80
(0.031)
11.50
(0.453)
0.60 ± 0.15
(0.024 ± 0.006)
1.00 Ref
(0.039) Ref
0.80
(0.031)
0.55
(0.022)
1.45
(0.057)
11.50
(0.453)
Pin 44
Pin 1
0.37 ± 0.07
(0.014 ± 0.003)
10.00 ± 0.10
(0.394 ± 0.004)
12.00 ± 0.20
(0.472 ± 0.008)
Top Cover
Tape Thickness
0.102 MAX
(0.004 MAX)
330.2 DIA.
(13.00 DIA)
Embossed Carrier
Embossment
A
0=12.35
(0.486)
W=24.00 0.3
(0.94 0.01)
+
+
Dimensions
mm
(inches)
B
0=12.35
(0.486)
9.4
(0.37)
11.5
(0.453)
16
(0.63)
9.2
(0.36)
1.0
(0.039)
K
1=1.35
(0.053)
K
0=1.85
(0.073)
Specifications: DS-CPC75282-R00E
© Copyright 2012, IXYS Integrated Circuits Division
All rights reserved. Printed in USA.
12/22/2012
For additional information please visit www.ixysic.com
IXYS Integrated Circuits Division makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make
changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in IXYS Integrated
Circuits Division’s Standard Terms and Conditions of Sale, IXYS Integrated Circuits Division assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its
products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other applica-
tions intended to support or sustain life, or where malfunction of IXYS Integrated Circuits Division’s product may result in direct physical harm, injury, or death to a person or severe property or
environmental damage. IXYS Integrated Circuits Division reserves the right to discontinue or make changes to its products at any time without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com