Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC75282KA Datasheet(PDF) 9 Page - IXYS Corporation

Part # CPC75282KA
Description  Line Card Access Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC75282KA Datasheet(HTML) 9 Page - IXYS Corporation

Back Button CPC75282KA Datasheet HTML 5Page - IXYS Corporation CPC75282KA Datasheet HTML 6Page - IXYS Corporation CPC75282KA Datasheet HTML 7Page - IXYS Corporation CPC75282KA Datasheet HTML 8Page - IXYS Corporation CPC75282KA Datasheet HTML 9Page - IXYS Corporation CPC75282KA Datasheet HTML 10Page - IXYS Corporation CPC75282KA Datasheet HTML 11Page - IXYS Corporation CPC75282KA Datasheet HTML 12Page - IXYS Corporation CPC75282KA Datasheet HTML 13Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
CPC75282
R00E
PRELIMINARY
9
1.8 Digital I/O Electrical Specifications
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Input Characteristics
Input Voltage, Logic Low
(P1-P3, OFFx, CFG)
Input voltage falling
VIL
0.8
-
-
V
Input Voltage, Logic Low
(LATCHx)
0.6
-
-
Input voltage, Logic
High (P1-P3, OFFx)
Input voltage rising
VIH
--
2.0
Input Voltage, Logic
High (CFG)
--
3.0
Input Voltage, Logic
High (LATCHx)
--
1.1
Input Leakage Current,
Logic High (OFFx)
VDD = 5.25V, VBAT = -72V, VIH =5V
IIH
15
32
60
A
Input Leakage Current,
Logic High (P1-P3,
LATCHx, CFG)
VDD = 5.25V, VBAT = -72V, VIH =5V
IIH
--
20
A
Input leakage current,
Logic Low (P1-P3,
LATCHx, OFFx, CFG)
VDD = 5.25V, VBAT = -72V, VIL =0V
IIL
--
20
A
Input leakage current,
TSDx Logic High
VDD = 5.25V, VBAT = -72V, VIH = 2.4V
IIH
10
16
30
A
Input leakage current,
TSDx Logic low
VDD = 5.25V, VBAT = -72V, VIL = 0.4V
IIL
10
16
30
A
Output Characteristics
Output voltage,
TSDx Logic High
VDD = 5.25V, VBAT = -72V, ITSD = 10AVTSD_off
2.4
VDD
-V
Output voltage,
TSDx Logic Low
VDD = 5.25V, VBAT = -72V, ITSD = 1mA
VTSD_on
-0
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com